Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LYR976 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LYR976
Description  CHIPLED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LYR976 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LYR976 Datasheet HTML 1Page - Siemens Semiconductor Group LYR976 Datasheet HTML 2Page - Siemens Semiconductor Group LYR976 Datasheet HTML 3Page - Siemens Semiconductor Group LYR976 Datasheet HTML 4Page - Siemens Semiconductor Group LYR976 Datasheet HTML 5Page - Siemens Semiconductor Group LYR976 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Semiconductor Group
1
1998-09-15
Typ
Type
Emissions-
farbe
Color of
Emission
Farbe der
Lichtaustritts-
fläche
Color of the
Light Emitting
Area
Lichtstärke
Luminous
Intensity
I
F = 20 mA
I
V (mcd)
Lichtstrom
Luminous
Flux
I
F = 20 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LY R976-MO
LO R976-NO
LS R976-NO
yellow
orange
super-red
colorless clear
≥ 16 (30 typ.)
≥ 25 (55 typ.)
≥ 25 (55 (typ.)
250 (typ.)
450 (typ.)
450 (typ.)
Q62702-P5105
Q62702-P5101
Q62702-P5103
VEO06987
Besondere Merkmale
q
Gehäusebauform: 0805
q
Industriestandard bzgl. Lötpadraster
q
geringe Bauteilhöhe
q
für IR-Lötung geeignet
q
für Hinterleuchtungen und als opt. Indikator einsetzbar
q
gegurtet (8-mm-Filmgurt)
Features
q
0805 package
q
Industry standard footprint
q
low profile
q
suitable for IR reflow soldering process
q
for use as optical indicator and backlighting
q
available taped on reel (8 mm tape)
CHIPLED
LY R976, LO R976, LS R976


Similar Part No. - LYR976

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYR976 OSRAM-LYR976 Datasheet
143Kb / 11P
   Hyper CHIPLED Hyper-Bright LED
LYR976 OSRAM-LYR976 Datasheet
406Kb / 14P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LYR976 OSRAM-LYR976 Datasheet
487Kb / 14P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LYR976-PS-36 OSRAM-LYR976-PS-36 Datasheet
410Kb / 20P
   SMT package 0805
LYR976-Z OSRAM-LYR976-Z Datasheet
487Kb / 14P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LYR976

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LGR971 SIEMENS-LGR971 Datasheet
52Kb / 6P
   CHIPLED
LGQ971 SIEMENS-LGQ971 Datasheet
54Kb / 6P
   CHIPLED
logo
OSRAM GmbH
LOR971 OSRAM-LOR971 Datasheet
108Kb / 10P
   CHIPLED
logo
Siemens Semiconductor G...
LYR970 SIEMENS-LYR970 Datasheet
60Kb / 6P
   CHIPLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-C280 AVAGO-HSMA-C280 Datasheet
93Kb / 8P
   Miniature ChipLED
HSMF-C118 AVAGO-HSMF-C118 Datasheet
160Kb / 8P
   TriColor ChipLED
logo
Broadcom Corporation.
HSMR-C170-R0000 BOARDCOM-HSMR-C170-R0000 Datasheet
1Mb / 10P
   Blue ChipLED
logo
OSRAM GmbH
LWQ38E OSRAM-LWQ38E Datasheet
557Kb / 22P
   CHIPLED 0603
LTRBRASR OSRAM-LTRBRASR Datasheet
1Mb / 23P
   Multi CHIPLED
LG-R971-KN-1 OSRAM-LG-R971-KN-1 Datasheet
394Kb / 20P
   CHIPLED 0805
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com