Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

95-21SYGC-S530-XX-XXX Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # 95-21SYGC-S530-XX-XXX
Description  1.9mm Round Subminiature Lead LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

95-21SYGC-S530-XX-XXX Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button 95-21SYGC-S530-XX-XXX_11 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 95-21SYGC-S530-XX-XXX_11 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 95-21SYGC-S530-XX-XXX_11 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 95-21SYGC-S530-XX-XXX_11 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 95-21SYGC-S530-XX-XXX_11 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 95-21SYGC-S530-XX-XXX_11 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 95-21SYGC-S530-XX-XXX_11 Datasheet HTML 9Page - Everlight Electronics Co., Ltd 95-21SYGC-S530-XX-XXX_11 Datasheet HTML 10Page - Everlight Electronics Co., Ltd 95-21SYGC-S530-XX-XXX_11 Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 8 of 11
Device No. : SZDLE-952-010
Prepared date: 30-Jun-2011
Prepared by:Xie Haitao
95-21SURC/S530-XX/XXX
Loaded quantity 1000 PCS per reel
95-21/TR10
Note: The tolerances unless mentioned is ±0.1mm
,Unit = mm
Moisture Resistant Packaging
Label
Desiccant
Label
Aluminum moisture-proof bag


Similar Part No. - 95-21SYGC-S530-XX-XXX_11

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
95-21SYGC-S530-XX-XXX EVERLIGHT-95-21SYGC-S530-XX-XXX Datasheet
251Kb / 11P
   1.9mm Round Subminiature Lead LED
logo
HK TO-GRACE TECHNOLOGY ...
95-21SYGC-S530-XX-XXX TO-GRACE-95-21SYGC-S530-XX-XXX Datasheet
741Kb / 11P
   1.9mm Round Subminiature Lead LED
More results

Similar Description - 95-21SYGC-S530-XX-XXX_11

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
95-21SYGC-S530-XX-XXX TO-GRACE-95-21SYGC-S530-XX-XXX Datasheet
741Kb / 11P
   1.9mm Round Subminiature Lead LED
logo
Everlight Electronics C...
95-21SYGC-S530-XX-XXX EVERLIGHT-95-21SYGC-S530-XX-XXX Datasheet
251Kb / 11P
   1.9mm Round Subminiature Lead LED
95-21SYGC EVERLIGHT-95-21SYGC Datasheet
341Kb / 11P
   1.9mm Round Subminiature Lead LED
95-21SURC EVERLIGHT-95-21SURC Datasheet
243Kb / 11P
   1.9mm Round Subminiature Lead (Square Base) LED
95-21SUBC EVERLIGHT-95-21SUBC Datasheet
227Kb / 10P
   1.9mm Round Subminiature Lead LEDs
95-21SUGC EVERLIGHT-95-21SUGC Datasheet
221Kb / 10P
   1.9mm Round Subminiature Lead LEDs
95-21UBC EVERLIGHT-95-21UBC Datasheet
219Kb / 10P
   1.9mm Round Subminiature Lead LEDs
91-21SURC-S530-XX-XXX EVERLIGHT-91-21SURC-S530-XX-XXX Datasheet
253Kb / 11P
   1.9mm Round Subminiature Lead LEDs
logo
HK TO-GRACE TECHNOLOGY ...
95-21SUBC-S400-XX-XXX TO-GRACE-95-21SUBC-S400-XX-XXX Datasheet
834Kb / 10P
   1.9mm Round Subminiature Lead LEDs
logo
Everlight Electronics C...
95-21SUBC-S400-XX-XXX EVERLIGHT-95-21SUBC-S400-XX-XXX Datasheet
231Kb / 10P
   1.9mm Round Subminiature Lead LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com