Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4053BP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF4053BP
Description  Triple single-pole double-throw analog switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4053BP Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4053BP Datasheet HTML 1Page - NXP Semiconductors HEF4053BP Datasheet HTML 2Page - NXP Semiconductors HEF4053BP Datasheet HTML 3Page - NXP Semiconductors HEF4053BP Datasheet HTML 4Page - NXP Semiconductors HEF4053BP Datasheet HTML 5Page - NXP Semiconductors HEF4053BP Datasheet HTML 6Page - NXP Semiconductors HEF4053BP Datasheet HTML 7Page - NXP Semiconductors HEF4053BP Datasheet HTML 8Page - NXP Semiconductors HEF4053BP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
HEF4053B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 10 — 17 November 2011
4 of 20
NXP Semiconductors
HEF4053B
Triple single-pole double-throw analog switch
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care.
8.
Limiting values
[1]
To avoid drawing VDD current out of terminal Z, when switch current flows into terminals Y, the voltage drop across the bidirectional
switch must not exceed 0.4 V. If the switch current flows into terminal Z, no VDD current will flow out of terminals Y, and in this case there
is no limit for the voltage drop across the switch, but the voltages at Y and Z may not exceed VDD or VEE.
[2]
For DIP16 package: Ptot derates linearly with 12 mW/K above 70 C.
For SO16 package: Ptot derates linearly with 8 mW/K above 70 C.
For TSSOP16 package: Ptot derates linearly with 5.5 mW/K above 60 C.
9.
Recommended operating conditions
Table 3.
Function table [1]
Inputs
Channel on
E
Sn
LLnY0 to nZ
L
H
nY1 to nZ
H
X
switches OFF
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to VSS = 0 V (ground).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
0.5
+18
V
VEE
supply voltage
referenced to VDD
[1]
18
+0.5
V
IIK
input clamping current
pins Sn and E;
VI < 0.5 V or VI >VDD + 0.5 V
-
10
mA
VI
input voltage
0.5
VDD + 0.5
V
II/O
input/output current
-
10
mA
IDD
supply current
-
50
mA
Tstg
storage temperature
65
+150
C
Tamb
ambient temperature
40
+125
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
[2]
DIP16 package
-
750
mW
SO16 package
-
500
mW
TSSOP16 package
-
500
mW
P
power dissipation
per output
-
100
mW
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
see Figure 7
3-
15
V
VI
input voltage
0
-
VDD
V
Tamb
ambient temperature
in free air
40
-
+125
C


Similar Part No. - HEF4053BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4053BP PHILIPS-HEF4053BP Datasheet
118Kb / 9P
   Triple 2-channel analogue multiplexer/demultiplexer
January 1995
HEF4053BP NXP-HEF4053BP Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
More results

Similar Description - HEF4053BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4053BT652 PHILIPS-HEF4053BT652 Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
logo
Nexperia B.V. All right...
74LV4053-Q100 NEXPERIA-74LV4053-Q100 Datasheet
782Kb / 25P
   Triple single-pole double-throw analog switch
HEF4053B-Q100 NEXPERIA-HEF4053B-Q100 Datasheet
775Kb / 19P
   Triple single-pole double-throw analog switch
74LV4053 NEXPERIA-74LV4053 Datasheet
335Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
logo
NXP Semiconductors
74LV4053 NXP-74LV4053 Datasheet
162Kb / 26P
   Triple single-pole double-throw analog switch
Rev. 04-10 August 2009
HEF4053B PHILIPS-HEF4053B_15 Datasheet
201Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 11-11 September 2014
74LV4053 PHILIPS-74LV4053_15 Datasheet
243Kb / 27P
   Triple single-pole double-throw analog switch
Rev. 5-18 September 2014
HEF4053B NXP-HEF4053B_13 Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
logo
Nexperia B.V. All right...
HEF4053B NEXPERIA-HEF4053B Datasheet
289Kb / 16P
   Triple single-pole double-throw analog switch
Rev. 13 - 21 December 2021
logo
NXP Semiconductors
NX3L4053 PHILIPS-NX3L4053_15 Datasheet
266Kb / 22P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 5-25 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com