Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4066BT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # HEF4066BT
Description  Quad single-pole single-throw analog switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4066BT Datasheet(HTML) 1 Page - NXP Semiconductors

  HEF4066BT Datasheet HTML 1Page - NXP Semiconductors HEF4066BT Datasheet HTML 2Page - NXP Semiconductors HEF4066BT Datasheet HTML 3Page - NXP Semiconductors HEF4066BT Datasheet HTML 4Page - NXP Semiconductors HEF4066BT Datasheet HTML 5Page - NXP Semiconductors HEF4066BT Datasheet HTML 6Page - NXP Semiconductors HEF4066BT Datasheet HTML 7Page - NXP Semiconductors HEF4066BT Datasheet HTML 8Page - NXP Semiconductors HEF4066BT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The HEF4066B provides four single-pole, single-throw analog switch functions. Each
switch has two input/output terminals (nY and nZ) and an active HIGH enable input (nE).
When nE is LOW, the analog switch is turned off.
The HEF4066B is pin compatible with the HEF4016B but exhibits a much lower ON
resistance. In addition the ON resistance is relatively constant over the full input signal
range.
2.
Features and benefits
Fully static operation
5 V, 10 V, and 15 V parametric ratings
Standardized symmetrical output characteristics
Inputs and outputs are protected against electrostatic effects
Specified from
40 C to +85 C and 40 C to +125 C
Complies with JEDEC standard JESD 13-B
3.
Applications
Analog multiplexing and demultiplexing
Digital multiplexing and demultiplexing
Signal gating
4.
Ordering information
HEF4066B
Quad single-pole single-throw analog switch
Rev. 7 — 16 November 2011
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
HEF4066BP
40 C to +125 C
DIP14
plastic dual in-line package; 14 leads (300 mil)
SOT27-1
HEF4066BT
40 C to +125 C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1


Similar Part No. - HEF4066BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4066BT PHILIPS-HEF4066BT Datasheet
88Kb / 8P
   Quadruple bilateral switches
January 1995
logo
Nexperia B.V. All right...
HEF4066BT NEXPERIA-HEF4066BT Datasheet
244Kb / 13P
   Quad single-pole single-throw analog switch
Rev. 10 - 21 December 2021
logo
NXP Semiconductors
HEF4066BT-Q100 NXP-HEF4066BT-Q100 Datasheet
1Mb / 2P
   NXP Logic ??Q100 logic portfolio
More results

Similar Description - HEF4066BT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
74HC4066-Q100 NEXPERIA-74HC4066-Q100 Datasheet
1Mb / 23P
   Quad single-pole single-throw analog switch
74HC4016 NEXPERIA-74HC4016 Datasheet
847Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 3 - 12 December 2016
HEF4066B NEXPERIA-HEF4066B Datasheet
244Kb / 13P
   Quad single-pole single-throw analog switch
Rev. 10 - 21 December 2021
74HC4316 NEXPERIA-74HC4316 Datasheet
327Kb / 23P
   Quad single-pole single-throw analog switch
Rev. 6 - 10 September 2021
74HCT4066-Q100 NEXPERIA-74HCT4066-Q100 Datasheet
306Kb / 20P
   Quad single-pole single-throw analog switch
Rev. 4 - 14 April 2020
logo
NXP Semiconductors
74HC_HCT4066 PHILIPS-74HC_HCT4066_15 Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
HEF4066B-Q100 NEXPERIA-HEF4066B-Q100 Datasheet
797Kb / 15P
   Quad single-pole single-throw analog switch
logo
NXP Semiconductors
74HCT4066D-T NXP-74HCT4066D-T Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
HEF4016B NEXPERIA-HEF4016B Datasheet
239Kb / 13P
   Quad single-pole single-throw analog switch
Rev. 5 - 26 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com