Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGA670 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # LGA670
Description  SIDELED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LGA670 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  LGA670 Datasheet HTML 1Page - Siemens Semiconductor Group LGA670 Datasheet HTML 2Page - Siemens Semiconductor Group LGA670 Datasheet HTML 3Page - Siemens Semiconductor Group LGA670 Datasheet HTML 4Page - Siemens Semiconductor Group LGA670 Datasheet HTML 5Page - Siemens Semiconductor Group LGA670 Datasheet HTML 6Page - Siemens Semiconductor Group LGA670 Datasheet HTML 7Page - Siemens Semiconductor Group LGA670 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Semiconductor Group
6
1998-11-12
LS A670, LO A670, LY A670
LG A670, LP A670
Durchlaßstrom
I
F = f (VF)
Forward current
T
A = 25 ˚C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible pulse handling capability
Duty cycle
D = parameter, T
A = 25 ˚C
10 -1
V
pure-green
5
super-red
orange/yellow
green
OHL02145
Ι
F
F
V
0
10
1
10
2
10
5
mA
1.0
1.4
1.8
2.2
2.6
3.0
3.4
OHL01686
s
10-5
10-4
10-3
10-2
10-1
100
101
t
D
Ι
T
T
P
F
t P
=
D = 0.005
0.01
0.02
0.05
0.2
0.5
DC
10 1
5
Ι
F
t
2
10
0.1
p
10 3
mA
Relative Lichtstärke
I
V/IV(10 mA) = f (IF)
Relative luminous intensity
T
A = 25 ˚C
Maximal zulässiger Durchlaßstrom
Max. permissible forward current
I
F = f (TA)
V
V (10 mA)
10 -1
0
10
10 12
10
mA
red
yellow
green
super-red
orange
pure-green
10 -3
5
OHL02146
F
Ι
5
-2
10
5
-1
10
0
10
1
10
Ι
Ι
55
60
OHL01661
Ι
F
0
100
60
40
20
A
80
0
T
10
20
30
40
50
˚C
mA


Similar Part No. - LGA670

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA670 OSRAM-LGA670 Datasheet
428Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LGA670

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-325 OSRAM-SFH-325 Datasheet
401Kb / 15P
   SIDELED
LY-A67K-K2M1-26-Z OSRAM-LY-A67K-K2M1-26-Z Datasheet
472Kb / 19P
   SIDELED
LS-A676-P2S1-1-Z OSRAM-LS-A676-P2S1-1-Z Datasheet
448Kb / 19P
   SIDELED
LTA673 OSRAM-LTA673 Datasheet
588Kb / 21P
   SIDELED
LTA67C OSRAM-LTA67C Datasheet
582Kb / 21P
   SIDELED
SFH-325-FA OSRAM-SFH-325-FA Datasheet
396Kb / 14P
   SIDELED
LAA67F OSRAM-LAA67F Datasheet
494Kb / 21P
   SIDELED
LT-A67C-S2U1-35-Z OSRAM-LT-A67C-S2U1-35-Z Datasheet
446Kb / 19P
   SIDELED
LG-A67K-H2K1-24-Z OSRAM-LG-A67K-H2K1-24-Z Datasheet
469Kb / 19P
   SIDELED
LR-A67F-U2AB-1-Z OSRAM-LR-A67F-U2AB-1-Z Datasheet
482Kb / 20P
   SIDELED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com