Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

334-15-T1C5-4PRA Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # 334-15-T1C5-4PRA
Description  Popular T-1 3/4 round package.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

334-15-T1C5-4PRA Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button 334-15-T1C5-4PRA Datasheet HTML 4Page - Everlight Electronics Co., Ltd 334-15-T1C5-4PRA Datasheet HTML 5Page - Everlight Electronics Co., Ltd 334-15-T1C5-4PRA Datasheet HTML 6Page - Everlight Electronics Co., Ltd 334-15-T1C5-4PRA Datasheet HTML 7Page - Everlight Electronics Co., Ltd 334-15-T1C5-4PRA Datasheet HTML 8Page - Everlight Electronics Co., Ltd 334-15-T1C5-4PRA Datasheet HTML 9Page - Everlight Electronics Co., Ltd 334-15-T1C5-4PRA Datasheet HTML 10Page - Everlight Electronics Co., Ltd 334-15-T1C5-4PRA Datasheet HTML 11Page - Everlight Electronics Co., Ltd 334-15-T1C5-4PRA Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Technical Data Sheet
334-15/T1C5-4PRA
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev:
1
Page: 10 of 12
Device Number: DLE-0001206
Established date:04-10-2009
Established by: Ruby Lin
Prehead
laminar wave
Fluxing
Avoiding applying any stress to the lead frame while the LEDs are at high temperature
particularly when soldering.
Dip and hand soldering should not be done more than one time
After soldering the LEDs, the epoxy bulb should be protected from mechanical shock or
vibration until the LEDs return to room temperature.
A rapid-rate process is not recommended for cooling the LEDs down from the peak
temperature.
Although the recommended soldering conditions are specified in the above table, dip or
handsoldering at the lowest possible temperature is desirable for the LEDs.
Wave soldering parameter must be set and maintain according to recommended temperature
and dwell time in the solder wave.
4. Cleaning
When necessary, cleaning should occur only with isopropyl alcohol at room temperature for
a duration of no more than one minute. Dry at room temperature before use.
Do not clean the LEDs by the ultrasonic. When it is absolutely necessary, the influence of
ultrasonic cleaning on the LEDs depends on factors such as ultrasonic power and the
assembled condition. Ultrasonic cleaning shall be pre-qualified to ensure this will not cause
damage to the LED


Similar Part No. - 334-15-T1C5-4PRA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
334-15-T1C5-4PRA EVERLIGHT-334-15-T1C5-4PRA Datasheet
447Kb / 12P
   Popular T-1 3/4 round package
More results

Similar Description - 334-15-T1C5-4PRA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA_11 Datasheet
274Kb / 10P
   Popular T-1 3/4 round package
334-15-T2C1-1UWB_V2 EVERLIGHT-334-15-T2C1-1UWB_V2 Datasheet
255Kb / 12P
   Popular T-1 3/4 round package
334-15-T2C3-1RTB EVERLIGHT-334-15-T2C3-1RTB Datasheet
259Kb / 11P
   Popular T-1 3/4 round package
334-15-T2C5-1MQB EVERLIGHT-334-15-T2C5-1MQB Datasheet
257Kb / 11P
   Popular T-1 3/4 round package
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA Datasheet
364Kb / 12P
   Popular T-1 3/4 round package
334-15-T2C1-2UWC EVERLIGHT-334-15-T2C1-2UWC Datasheet
279Kb / 12P
   Popular T-1 3/4 round package
7383-R7C3-ARUB-MS EVERLIGHT-7383-R7C3-ARUB-MS Datasheet
224Kb / 10P
   Popular T-1 3/4 round package.
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9 Datasheet
223Kb / 12P
   Popular T-1 3/4 round package
7383-R2C3-AMQB-X EVERLIGHT-7383-R2C3-AMQB-X Datasheet
255Kb / 10P
   ?Popular T-1 3/4 round package.
334-15-T2C3-4RTB EVERLIGHT-334-15-T2C3-4RTB Datasheet
269Kb / 12P
   Popular T-1 3/4 round package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com