Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11A5M(TA)-V Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # H11A5M(TA)-V
Description  6 PIN DIP PHOTOTRANSISTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

H11A5M(TA)-V Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  H11A5M(TA)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd H11A5M(TA)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd H11A5M(TA)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd H11A5M(TA)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd H11A5M(TA)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd H11A5M(TA)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd H11A5M(TA)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd H11A5M(TA)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd H11A5M(TA)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
6 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
1
http:\\www.everlight.com
Document No:DPC-0000045 Rev. 2
December 28, 2009
4N2X Series
4N3X Series
H11AX Series
Features:
• 4N2X series: 4N25, 4N26, 4N27, 4N28
• 4N3X series: 4N35, 4N36, 4N37, 4N38
• H11AX series: H11A1, H11A2, H11A3, H11A4, H11A5
• High isolation voltage between input and output
(Viso=5000 V rms)
• Creepage distance >7.62 mm
• Operating temperature up to +110°C
• Compact dual-in-line package
• Pb free and RoHS compliant.
• UL approved (No. E214129)
• VDE approved (No. 132249)
• SEMKO approved
• NEMKO approval
• DEMKO approval
• FIMKO approval
• CSA approved
• CQC approved
Description
The 4N2X, 4N3X, H11AX series of devices each consist of
an infrared emitting diode optically coupled to a phototransistor.
They are packaged in a 6-pin DIP package and available in
wide-lead spacing and SMD option.
Schematic
1. Anode
2. Cathode
3. No Connection
4. Emitter
5. Collector
6. Base
Applications
• Power supply regulators
• Digital logic inputs
• Microprocessor inputs


Similar Part No. - H11A5M(TA)-V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11A5M FAIRCHILD-H11A5M Datasheet
135Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A5M FAIRCHILD-H11A5M Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A5M FAIRCHILD-H11A5M Datasheet
277Kb / 10P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A5M FAIRCHILD-H11A5M Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A5M FAIRCHILD-H11A5M Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
More results

Similar Description - H11A5M(TA)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
TIL11X EVERLIGHT-TIL11X_10 Datasheet
901Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
CNY17-X EVERLIGHT-CNY17-X_10 Datasheet
873Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
logo
List of Unclassifed Man...
CNY17 ETC1-CNY17 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X_08 Datasheet
394Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X Datasheet
419Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
List of Unclassifed Man...
TIL111 ETC1-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Everlight Electronics C...
H11AAX EVERLIGHT-H11AAX_15 Datasheet
828Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X Datasheet
364Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com