Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3L2267 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NX3L2267
Description  Low-ohmic dual single-pole double-throw analog switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3L2267 Datasheet(HTML) 2 Page - NXP Semiconductors

  NX3L2267 Datasheet HTML 1Page - NXP Semiconductors NX3L2267 Datasheet HTML 2Page - NXP Semiconductors NX3L2267 Datasheet HTML 3Page - NXP Semiconductors NX3L2267 Datasheet HTML 4Page - NXP Semiconductors NX3L2267 Datasheet HTML 5Page - NXP Semiconductors NX3L2267 Datasheet HTML 6Page - NXP Semiconductors NX3L2267 Datasheet HTML 7Page - NXP Semiconductors NX3L2267 Datasheet HTML 8Page - NXP Semiconductors NX3L2267 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
NX3L2267
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 8 November 2011
2 of 22
NXP Semiconductors
NX3L2267
Low-ohmic dual single-pole double-throw analog switch
3.
Applications
Cell phone
PDA
Portable media player
4.
Ordering information
5.
Marking
6.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
NX3L2267GM
40 C to +125 C
XQFN10U
plastic extremely thin quad flat package; no leads;
10 terminals; UTLP based; body 2
 1.55  0.5 mm
SOT1049-2
NX3L2267GU
40 C to +125 C
XQFN10
plastic, extremely thin quad flat package; no leads;
10 terminals; body 1.40
 1.80  0.50 mm
SOT1160-1
Table 2.
Marking
Type number
Marking code
NX3L2267GM
M67
NX3L2267GU
M7
Fig 1.
Logic symbol
Fig 2.
Logic diagram (one switch)
001aaj085
1Z
1S
1Y0
1Y1
2Z
2S
2Y0
2Y1
001aac355
Z
S
Y1
Y0


Similar Part No. - NX3L2267

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2267S NXP-NX3L2267S Datasheet
288Kb / 20P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 2-8 November 2011
NX3L2267SGU NXP-NX3L2267SGU Datasheet
288Kb / 20P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 2-8 November 2011
NX3L2267S PHILIPS-NX3L2267S_15 Datasheet
288Kb / 20P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 2-8 November 2011
NX3L2267 PHILIPS-NX3L2267_15 Datasheet
311Kb / 22P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 5-18 June 2012
More results

Similar Description - NX3L2267

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2267 PHILIPS-NX3L2267_15 Datasheet
311Kb / 22P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 5-18 June 2012
NX3L2267S PHILIPS-NX3L2267S_15 Datasheet
288Kb / 20P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 2-8 November 2011
NX3L4684 NXP-NX3L4684 Datasheet
592Kb / 24P
   Dual low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L2267S NXP-NX3L2267S Datasheet
288Kb / 20P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 2-8 November 2011
NX3L4684 PHILIPS-NX3L4684_15 Datasheet
349Kb / 24P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 8-3 April 2014
NX3L1T3157 NXP-NX3L1T3157_10 Datasheet
489Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 07-21 January 2010
NX3L1T5157 NXP-NX3L1T5157_10 Datasheet
479Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L1G3157 PHILIPS-NX3L1G3157_15 Datasheet
257Kb / 22P
   Low-ohmic single-pole double-throw analog switch
Rev. 10-7 August 2012
logo
Nexperia B.V. All right...
XS5A1T4157 NEXPERIA-XS5A1T4157 Datasheet
242Kb / 16P
   Low-ohmic single-pole double-throw analog switch
Rev. 2 - 9 February 2022
XS3A2467 NEXPERIA-XS3A2467 Datasheet
319Kb / 18P
   Dual low-ohmic double-pole double-throw analog switch
Rev. 1 - 11 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com