Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3L4357 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NX3L4357
Description  Low-ohmic single-pole triple-throw analog switch with enable input
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3L4357 Datasheet(HTML) 3 Page - NXP Semiconductors

  NX3L4357 Datasheet HTML 1Page - NXP Semiconductors NX3L4357 Datasheet HTML 2Page - NXP Semiconductors NX3L4357 Datasheet HTML 3Page - NXP Semiconductors NX3L4357 Datasheet HTML 4Page - NXP Semiconductors NX3L4357 Datasheet HTML 5Page - NXP Semiconductors NX3L4357 Datasheet HTML 6Page - NXP Semiconductors NX3L4357 Datasheet HTML 7Page - NXP Semiconductors NX3L4357 Datasheet HTML 8Page - NXP Semiconductors NX3L4357 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
NX3L4357
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 7 November 2011
3 of 21
NXP Semiconductors
NX3L4357
Low-ohmic single-pole triple-throw analog switch with enable input
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 3.
Pin configuration SOT1049-2 (XQFN10U)
001aak765
n.c.
Transparent top view
Y2
Y1
Y0
S1
Z
E
S0
NX3L4357
2
3
46
7
8
9
1
Table 3.
Pin description
Symbol
Pin
Description
S0
1
select input
S1
2
select input
Z
3
common output or input
E
4
enable input (active LOW)
GND
5
ground (0 V)
n.c.
6
not connected
Y2
7
independent input or output
Y1
8
independent input or output
Y0
9
independent input or output
VCC
10
supply voltage


Similar Part No. - NX3L4357

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L4357 PHILIPS-NX3L4357_15 Datasheet
304Kb / 21P
   Low-ohmic single-pole triple-throw analog switch with enable input
Rev. 5-18 June 2012
More results

Similar Description - NX3L4357

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L4357 PHILIPS-NX3L4357_15 Datasheet
304Kb / 21P
   Low-ohmic single-pole triple-throw analog switch with enable input
Rev. 5-18 June 2012
NX3L4053 PHILIPS-NX3L4053_15 Datasheet
266Kb / 22P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 5-25 June 2012
NX3L4053 NXP-NX3L4053 Datasheet
197Kb / 22P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 4-7 November 2011
NX3L4053-Q100 NXP-NX3L4053-Q100 Datasheet
280Kb / 22P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 1 ??18 April 2013
logo
Nexperia B.V. All right...
XS3A4053 NEXPERIA-XS3A4053 Datasheet
319Kb / 17P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 1 - 11 February 2022
logo
NXP Semiconductors
NX3L2T66 NXP-NX3L2T66 Datasheet
127Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-4 December 2008
NX3V1G384 NXP-NX3V1G384 Datasheet
122Kb / 16P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-18 September 2008
NX3V1T66 PHILIPS-NX3V1T66_15 Datasheet
189Kb / 20P
   Low-ohmic single-pole single-throw analog switch
Rev. 7-2 November 2011
NX3L1G66 NXP-NX3L1G66 Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 06-18 August 2009
NX3L1G384 NXP-NX3L1G384 Datasheet
148Kb / 17P
   Low-ohmic single-pole single-throw analog switch
Rev. 03-17 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com