Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX5DV713 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # NX5DV713
Description  Dual supply 1-of-2 VGA switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX5DV713 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button NX5DV713 Datasheet HTML 7Page - NXP Semiconductors NX5DV713 Datasheet HTML 8Page - NXP Semiconductors NX5DV713 Datasheet HTML 9Page - NXP Semiconductors NX5DV713 Datasheet HTML 10Page - NXP Semiconductors NX5DV713 Datasheet HTML 11Page - NXP Semiconductors NX5DV713 Datasheet HTML 12Page - NXP Semiconductors NX5DV713 Datasheet HTML 13Page - NXP Semiconductors NX5DV713 Datasheet HTML 14Page - NXP Semiconductors NX5DV713 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
NX5DV713
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 24 November 2011
11 of 20
NXP Semiconductors
NX5DV713
Dual supply 1-of-2 VGA switch
Test data is given in Table 11.
Definitions:
DUT = Device Under Test.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including test jig and probe.
RL = Load resistance.
Fig 9.
Test circuit for measuring propagation delay times (SEL to H1, H2, V1, V2)
001aan183
VCC
VI
VO
DUT
CL
RT
G
RL
Table 11.
Test data
Input
Load
tr, tf
CL
RL
 2.5 ns
10 pF
1 k
Measurement points are given in Table 10.
Logic level: VOH is typical output voltage level that occurs with the output load.
Fig 10. Enable and disable times
VI
VM
VX
tdis
tdis
ten
ten
VX
VX
VX
VM
VOH
GND
SEL input
output
OFF to HIGH
HIGH to OFF
output
HIGH to OFF
OFF to HIGH
GND
VOH
GND
aaa-001602


Similar Part No. - NX5DV713

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX5DV713E NXP-NX5DV713E Datasheet
645Kb / 20P
   Dual supply 1-of-2 VGA switch
Rev. 1-24 November 2011
NX5DV713EHF NXP-NX5DV713EHF Datasheet
645Kb / 20P
   Dual supply 1-of-2 VGA switch
Rev. 1-24 November 2011
More results

Similar Description - NX5DV713

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX5DV715 PHILIPS-NX5DV715_15 Datasheet
141Kb / 20P
   Dual supply 1-of-2 VGA switch
Rev. 3-4 November 2011
NX5DV715 NXP-NX5DV715 Datasheet
141Kb / 20P
   Dual supply 1-of-2 VGA switch
Rev. 3-4 November 2011
NX5DV713E NXP-NX5DV713E Datasheet
645Kb / 20P
   Dual supply 1-of-2 VGA switch
Rev. 1-24 November 2011
NX5DV4885E NXP-NX5DV4885E Datasheet
378Kb / 20P
   Dual supply 1-of-2 VGA switch
Rev. 2-4 November 2011
PTN3355 NXP-PTN3355 Datasheet
964Kb / 37P
   Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
4 November 2016
logo
Global Mixed-mode Techn...
G3212 GMT-G3212 Datasheet
86Kb / 1P
   Low Capacitance VGA 2:2 Dual-Graphics Cross over switch
logo
Maxim Integrated Produc...
MAX4885 MAXIM-MAX4885 Datasheet
367Kb / 13P
   Complete VGA 1:2 or 2:1 Multiplexer
Rev 0; 5/06
MAX4885E MAXIM-MAX4885E Datasheet
109Kb / 10P
   Ultra-Low Capacitance 1:2 VGA Switch with ±15kV ESD
Rev 0; 10/08
MAX4885AE MAXIM-MAX4885AE Datasheet
1Mb / 10P
   High-Bandwidth, VGA 2:1 Switch with ±15kV ESD Protection
Rev 0; 10/09
logo
Pericom Semiconductor C...
PI3V724 PERICOM-PI3V724 Datasheet
1Mb / 14P
   1 to 2 VGA Demux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com