Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALS-PDIC17-55C-TR8 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # ALS-PDIC17-55C-TR8
Description  Ambient Light Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ALS-PDIC17-55C-TR8 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button ALS-PDIC17-55C-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ALS-PDIC17-55C-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ALS-PDIC17-55C-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ALS-PDIC17-55C-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ALS-PDIC17-55C-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ALS-PDIC17-55C-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ALS-PDIC17-55C-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ALS-PDIC17-55C-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ALS-PDIC17-55C-TR8 Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Document No: DLS-0000012 Rev 1
Mar. 30, 2009
6
Surface - Mount
Ambient Light Sensor
ALS-PDIC17-55C/TR8
1
10
100
1000
0.01
0.1
1
10
100
1000
Incandescent light
Fluorescent light
Illuminance (Lux)
Typical Electrical and Optical Characteristics Curves
Fig.5
Light Current vs. Illuminance
Fig.6
Dark Current vs. Temperature
Fig.7
Light current vs. Temperature
Fig.8
Light current vs. Supply Voltage
-60
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V
CE = 3V
E
V = 100 Lux
Temperature (
)
Fig.9
Spectral Response
Fig.10
Output voltage vs. Temperature
-60
-40
-20
0
20
40
60
80
100
0.1
1
10
100
R
L = 7.5k
E
V = 1000 Lux
Temperature (
)


Similar Part No. - ALS-PDIC17-55C-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ALS-PDIC17-55C-TR8 EVERLIGHT-ALS-PDIC17-55C-TR8 Datasheet
516Kb / 14P
   Surface - Mount Ambient Light Sensor
ALS-PDIC17-55C-TR8 EVERLIGHT-ALS-PDIC17-55C-TR8_15 Datasheet
428Kb / 12P
   Ambient Light Sensor
More results

Similar Description - ALS-PDIC17-55C-TR8

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V02 Datasheet
144Kb / 6P
   Ambient Light Sensor
01-Jan-2023
VEMD5510FX01 VISHAY-VEMD5510FX01_V01 Datasheet
184Kb / 6P
   Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com