Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62703-Q3292 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q62703-Q3292
Description  Hyper Mini TOPLED Hyper-Bright LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q3292 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q62703-Q3292 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q3292 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q3292 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q3292 Datasheet HTML 4Page - Siemens Semiconductor Group Q62703-Q3292 Datasheet HTML 5Page - Siemens Semiconductor Group Q62703-Q3292 Datasheet HTML 6Page - Siemens Semiconductor Group Q62703-Q3292 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Semiconductor Group
3
1998-11-12
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LS, LA, LO LY
Betriebstemperatur
Operating temperature range
T
op
– 55 ... + 100
˚C
Lagertemperatur
Storage temperature range
T
stg
– 55 ... + 100
˚C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
˚C
Durchlaßstrom
Forward current
I
F
30
20
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005
I
FM
to be defined
A
Sperrspannung1)
Reverse voltage1)
V
R
3V
Verlustleistung
Power dissipation
P
tot
802)
552)
mW
Wärmewiderstand
Thermal resistance
Sperrschicht / Umgebung
Junction / air
Montage auf PC-board*) (Padgröße
≥ 16 mm2)
mounted on PC board*) (pad size
≥ 16 mm2)
R
th JA
5802)
500
K/W
1)
Belastung in Sperrichtung sollte vermieden werden.
1)
Reverse biasing should be avoided.
2)
vorläufig/preliminary
*) PC-board: FR4
LS M676, LA M676, LO M676
LY M676


Similar Part No. - Q62703-Q3292

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62703-Q3200 SIEMENS-Q62703-Q3200 Datasheet
283Kb / 7P
   3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
Q62703-Q3201 SIEMENS-Q62703-Q3201 Datasheet
280Kb / 7P
   3 mm T1 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
Q62703-Q3202 SIEMENS-Q62703-Q3202 Datasheet
280Kb / 7P
   3 mm T1 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
Q62703-Q3203 SIEMENS-Q62703-Q3203 Datasheet
280Kb / 7P
   3 mm T1 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
Q62703-Q3204 SIEMENS-Q62703-Q3204 Datasheet
61Kb / 8P
   SIDELED
More results

Similar Description - Q62703-Q3292

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSM776 SIEMENS-LSM776 Datasheet
340Kb / 7P
   Hyper Mini TOPLED RG Hyper-Bright LED
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
   Hyper TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
   HYPER TOPLED, HYPER BRIGHT LED
LWT673 OSRAM-LWT673 Datasheet
123Kb / 14P
   Hyper TOPLED White Hyper-Bright LED
logo
Siemens Semiconductor G...
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
   Hyper TOPLED RG Hyper-Bright LED
logo
OSRAM GmbH
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
   Hyper Multi TOPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LSYT676 SIEMENS-LSYT676 Datasheet
292Kb / 6P
   Hyper Multi TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LBT676 OSRAM-LBT676 Datasheet
55Kb / 6P
   BLUE LINE Hyper TOPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LHT676 SIEMENS-LHT676 Datasheet
312Kb / 6P
   Hyper TOPLED Hyper-Bright, Hyper-Red TS GaAIAs-LED
logo
OSRAM GmbH
LWE67C OSRAM-LWE67C Datasheet
177Kb / 15P
   Power TOPLED Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com