Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL815S(TA)-V Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # EL815S(TA)-V
Description  4 PIN DIP PHOTOTRANSISTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL815S(TA)-V Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button EL815S(TA)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL815S(TA)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL815S(TA)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL815S(TA)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL815S(TA)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd EL815S(TA)-V Datasheet HTML 10Page - Everlight Electronics Co., Ltd EL815S(TA)-V Datasheet HTML 11Page - Everlight Electronics Co., Ltd EL815S(TA)-V Datasheet HTML 12Page - Everlight Electronics Co., Ltd EL815S(TA)-V Datasheet HTML 13Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
4 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
10
http://www.everlight.com
Document No:DPC-0000044 Rev. 2
December 28, 2009
EL815 Series
Tape & Reel Packing Specifications
Option TA
Option TB
Direction of feed from reel
Direction of feed from reel
Tape dimensions
Dimension No.
A
B
Do
D1
E
F
Dimension(mm)
10.4±0.1
4.55±0.1
1.5±0.1
1.5±0.05
1.75±0.1
7.5±0.1
Dimension No.
Po
P1
P2
t
W
K
Dimension(mm)
4.0±0.1
12.0±0.1
2.0±0.1
0.33±0.1
16.0+0.3/
-0.1
4.55±0.1


Similar Part No. - EL815S(TA)-V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EL815 ETC-EL815 Datasheet
373Kb / 11P
   Technical Data Sheet Photocoupler
logo
Everlight Electronics C...
EL815 EVERLIGHT-EL815 Datasheet
349Kb / 11P
   Photo coupler
EL815 EVERLIGHT-EL815 Datasheet
812Kb / 13P
   4 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
logo
List of Unclassifed Man...
EL815B1 ETC-EL815B1 Datasheet
373Kb / 11P
   Technical Data Sheet Photocoupler
logo
Everlight Electronics C...
EL815 EVERLIGHT-EL815_16 Datasheet
812Kb / 13P
   4 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
More results

Similar Description - EL815S(TA)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL817-G EVERLIGHT-EL817-G Datasheet
427Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR
EL825 EVERLIGHT-EL825 Datasheet
633Kb / 12P
   4 PIN DIP PHOTOTRANSISTOR
EL814 EVERLIGHT-EL814_10 Datasheet
749Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR
logo
List of Unclassifed Man...
Q814 ETC1-Q814 Datasheet
502Kb / 13P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Everlight Electronics C...
EL816 EVERLIGHT-EL816_18 Datasheet
807Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817-G EVERLIGHT-EL817-G_17 Datasheet
797Kb / 12P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL816M EVERLIGHT-EL816M Datasheet
508Kb / 15P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817MB EVERLIGHT-EL817MB Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817MC EVERLIGHT-EL817MC Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL-817C EVERLIGHT-EL-817C Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com