Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL3023 Datasheet(PDF) 11 Page - Everlight Electronics Co., Ltd

Part # EL3023
Description  6 PIN DIP RANDOM-PHASE TRIAC DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL3023 Datasheet(HTML) 11 Page - Everlight Electronics Co., Ltd

Back Button EL3023 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL3023 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL3023 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL3023 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL3023 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL3023 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EL3023 Datasheet HTML 10Page - Everlight Electronics Co., Ltd EL3023 Datasheet HTML 11Page - Everlight Electronics Co., Ltd EL3023 Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
6 PIN DIP RANDOM-PHASE TRIAC DRIVER
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
11
http://www.everlight.com
Document No:DPC-717-052
Rev. 2
August 14, 2008
EL301X Series
EL302X Series
EL305X Series
Solder Reflow Temperature Profile
260
°C(
)
peak,10 Sec Max
150
°C
1-3
°C/Sec Max
70 – 170 Sec
200
°C
217
°C
>255
°C ( 30s Max )
1-3
°C/Sec Max
60 – 140 Sec
TIME (S)


Similar Part No. - EL3023

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL3023 EVERLIGHT-EL3023 Datasheet
312Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL3023 EVERLIGHT-EL3023 Datasheet
1Mb / 12P
   5 PIN DIP RANDOM-PHASE TRIAC DRIVER
EL3023 EVERLIGHT-EL3023 Datasheet
901Kb / 14P
   5 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL3023M(TA)(P5)-V EVERLIGHT-EL3023M(TA)(P5)-V Datasheet
1Mb / 12P
   5 PIN DIP RANDOM-PHASE TRIAC DRIVER
EL3023M(TB)(P5)-V EVERLIGHT-EL3023M(TB)(P5)-V Datasheet
1Mb / 12P
   5 PIN DIP RANDOM-PHASE TRIAC DRIVER
More results

Similar Description - EL3023

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL301X EVERLIGHT-EL301X Datasheet
312Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL301X EVERLIGHT-EL301X_15 Datasheet
509Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
ON Semiconductor
MOC3071M ONSEMI-MOC3071M Datasheet
519Kb / 15P
   6-Pin DIP Random-Phase Triac Driver Optocoupler
November 2016 - Rev. 1
logo
Fairchild Semiconductor
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
   6-Pin DIP Random-phase Optoisolators Triac Driver Output
logo
ON Semiconductor
MOC3010M ONSEMI-MOC3010M Datasheet
348Kb / 12P
   6-Pin DIP Random-Phase Triac Driver Output Optocoupler
May, 2018 ??Rev. 1
logo
Motorola, Inc
MOC3020 MOTOROLA-MOC3020 Datasheet
299Kb / 6P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output
MOC3010 MOTOROLA-MOC3010 Datasheet
310Kb / 6P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output
logo
Everlight Electronics C...
ELT302X EVERLIGHT-ELT302X Datasheet
637Kb / 13P
   4 PIN DIP RANDOM-PHASE TRIAC DRIVER
EL301X EVERLIGHT-EL301X Datasheet
1Mb / 12P
   5 PIN DIP RANDOM-PHASE TRIAC DRIVER
logo
Motorola, Inc
MOC3051 MOTOROLA-MOC3051 Datasheet
329Kb / 8P
   6-Pin DIP Random-Phase Optoisolators Triac Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com