Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL3011S(TA)-V Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # EL3011S(TA)-V
Description  6 PIN DIP RANDOM-PHASE TRIAC DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL3011S(TA)-V Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  EL3011S(TA)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd EL3011S(TA)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL3011S(TA)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL3011S(TA)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL3011S(TA)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL3011S(TA)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL3011S(TA)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL3011S(TA)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL3011S(TA)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
6 PIN DIP RANDOM-PHASE TRIAC DRIVER
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
3
http://www.everlight.com
Document No:DPC-717-052
Rev. 2
August 14, 2008
EL301X Series
EL302X Series
EL305X Series
Electrical Characteristics (Ta=25°C unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Forward voltage
VF
-
1.18
1.5
V
IF = 10mA
Reverse Leakage current
IR
-
-
10
µA
VR = 6V
Output
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Peak Blocking Current
IDRM
-
-
100
nA
VDRM = Rated VDRM
IF = 0mA
Peak On-state Voltage
VTM
-
-
2.5
V
ITM=100mA peak,
IF=Rated IFT
EL301X
EL302X
-
100
-
VPEAK =Rated VDRM, IF=0
(Fig. 8)
Critical Rate of
Rise off-state
Voltage
EL305X
dv/dt
1000
-
-
V/µs
VPEAK =400V, IF=0 (Fig. 8)
Transfer Characteristics
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
EL3010
EL3021
EL3051
-
-
15
EL3011
EL3022
EL3052
-
-
10
LED Trigger
Current
EL3012
EL3023
EL3053
IFT
-
-
5
mA
Main terminal Voltage=3V
Holding Current
IH
-
250
-
µA
* Typical values at Ta = 25°C


Similar Part No. - EL3011S(TA)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL3011S(TA)(P5)-V EVERLIGHT-EL3011S(TA)(P5)-V Datasheet
1Mb / 12P
   5 PIN DIP RANDOM-PHASE TRIAC DRIVER
More results

Similar Description - EL3011S(TA)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL301X EVERLIGHT-EL301X Datasheet
312Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL301X EVERLIGHT-EL301X_15 Datasheet
509Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
ON Semiconductor
MOC3071M ONSEMI-MOC3071M Datasheet
519Kb / 15P
   6-Pin DIP Random-Phase Triac Driver Optocoupler
November 2016 - Rev. 1
logo
Fairchild Semiconductor
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
   6-Pin DIP Random-phase Optoisolators Triac Driver Output
logo
ON Semiconductor
MOC3010M ONSEMI-MOC3010M Datasheet
348Kb / 12P
   6-Pin DIP Random-Phase Triac Driver Output Optocoupler
May, 2018 ??Rev. 1
logo
Motorola, Inc
MOC3020 MOTOROLA-MOC3020 Datasheet
299Kb / 6P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output
MOC3010 MOTOROLA-MOC3010 Datasheet
310Kb / 6P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output
logo
Everlight Electronics C...
ELT302X EVERLIGHT-ELT302X Datasheet
637Kb / 13P
   4 PIN DIP RANDOM-PHASE TRIAC DRIVER
EL301X EVERLIGHT-EL301X Datasheet
1Mb / 12P
   5 PIN DIP RANDOM-PHASE TRIAC DRIVER
logo
Motorola, Inc
MOC3051 MOTOROLA-MOC3051 Datasheet
329Kb / 8P
   6-Pin DIP Random-Phase Optoisolators Triac Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com