Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17-4S1(TB)-V Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # CNY17-4S1(TB)-V
Description  6 PIN DIP PHOTOTRANSISTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

CNY17-4S1(TB)-V Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  CNY17-4S1(TB)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd CNY17-4S1(TB)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd CNY17-4S1(TB)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd CNY17-4S1(TB)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd CNY17-4S1(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd CNY17-4S1(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd CNY17-4S1(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd CNY17-4S1(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd CNY17-4S1(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
6 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
3
http:\\www.everlight.com
Document No:DPC-0000038 Rev.5
December 28, 2009
CNY17-X Series
CNY17F-X Series
Electrical Characteristics (Ta=25°C unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Forward voltage
VF
-
-
1.65
V
IF = 60mA
Reverse current
IR
-
-
10
µA
VR = 6V
Input capacitance
Cin
-
18
-
pF
V = 0, f = 1MHz
Output
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Collector-Base
dark current
CNY17-X
only
ICBO
-
-
20
nA
VCB = 10V, IF = 0mA
Collector-Emitter dark current
ICEO
-
-
50
nA
VCE = 10V, IF = 0mA
Collector-Emitter
breakdown voltage
BVCEO
80
-
-
V
IC = 1mA, IF = 0mA
Collector-Base
breakdown voltage
CNY17-X
only
BVCBO
80
-
-
V
IC = 0.1mA, IF = 0mA
Emitter-Collector
breakdown voltage
BVECO
7
-
-
V
IE = 0.1mA, IF = 0mA
Collector-Emitter capacitance
CCE
-
8
-
pF
VCE = 0V, f = 1MHz
* Typical values at Ta = 25°C


Similar Part No. - CNY17-4S1(TB)-V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-4S FAIRCHILD-CNY17-4S Datasheet
575Kb / 14P
   Phototransistor Optocouplers
CNY17-4SD FAIRCHILD-CNY17-4SD Datasheet
575Kb / 14P
   Phototransistor Optocouplers
CNY17-4SM FAIRCHILD-CNY17-4SM Datasheet
575Kb / 14P
   Phototransistor Optocouplers
CNY17-4SR2M FAIRCHILD-CNY17-4SR2M Datasheet
575Kb / 14P
   Phototransistor Optocouplers
CNY17-4SR2VM FAIRCHILD-CNY17-4SR2VM Datasheet
575Kb / 14P
   Phototransistor Optocouplers
More results

Similar Description - CNY17-4S1(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
TIL11X EVERLIGHT-TIL11X_10 Datasheet
901Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
4N2X EVERLIGHT-4N2X_10 Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
logo
List of Unclassifed Man...
CNY17 ETC1-CNY17 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X_08 Datasheet
394Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X Datasheet
419Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
List of Unclassifed Man...
TIL111 ETC1-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Everlight Electronics C...
H11AAX EVERLIGHT-H11AAX_15 Datasheet
828Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X Datasheet
364Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com