Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

95-21SDRC-S530-A3-TR10 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # 95-21SDRC-S530-A3-TR10
Description  1.9mm Round Subminiature ?쏾-Bend??Lead (Square Base) LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

95-21SDRC-S530-A3-TR10 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  95-21SDRC-S530-A3-TR10 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 95-21SDRC-S530-A3-TR10 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 95-21SDRC-S530-A3-TR10 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 95-21SDRC-S530-A3-TR10 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 95-21SDRC-S530-A3-TR10 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 95-21SDRC-S530-A3-TR10 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 95-21SDRC-S530-A3-TR10 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 95-21SDRC-S530-A3-TR10 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 95-21SDRC-S530-A3-TR10 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 6 of 9
Device No. : DSE-0001084
Prepared date: 10-Aug-2009
Prepared by: Cheng Dejiang
95-21SDRC/S530-A3/S12/TR10
Loaded quantity 5000 PCS/reel
Note: The tolerances unless mentioned is ±0.1mm
,Unit = mm
Moisture Resistant Packaging
Label
Aluminum moisture-proof bag
Desiccant
Label


Similar Part No. - 95-21SDRC-S530-A3-TR10

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
95-21SDRC-S530-A3-TR10 TO-GRACE-95-21SDRC-S530-A3-TR10 Datasheet
651Kb / 9P
   1.9mm Round Subminiature ?쏾-Bend??Lead (Square Base) LED
More results

Similar Description - 95-21SDRC-S530-A3-TR10

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
95-21SDRC-S530-A3-TR10 TO-GRACE-95-21SDRC-S530-A3-TR10 Datasheet
651Kb / 9P
   1.9mm Round Subminiature ?쏾-Bend??Lead (Square Base) LED
logo
Everlight Electronics C...
95-21SDRC EVERLIGHT-95-21SDRC Datasheet
213Kb / 9P
   1.9mm Round Subminiature ?쏾-Bend??Lead (Square Base) LED
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10 Datasheet
190Kb / 10P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
EAISZ2522A0 EVERLIGHT-EAISZ2522A0 Datasheet
531Kb / 9P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
95-21SURC EVERLIGHT-95-21SURC Datasheet
243Kb / 11P
   1.9mm Round Subminiature Lead (Square Base) LED
95-21SURC EVERLIGHT-95-21SURC_13 Datasheet
141Kb / 9P
   Technical Data Sheet 1.9mm Round Subminiature Z-bend Lead (Square Base)LED
SIR91-21C EVERLIGHT-SIR91-21C Datasheet
175Kb / 9P
   .9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
logo
HK TO-GRACE TECHNOLOGY ...
95-21USRD-S357-TR7 TO-GRACE-95-21USRD-S357-TR7 Datasheet
668Kb / 9P
   1.9mm Round Subminiature ?쏥ull Wing??Lead (Square Base) LED
logo
Everlight Electronics C...
95-21USRD-S357-TR7 EVERLIGHT-95-21USRD-S357-TR7 Datasheet
215Kb / 9P
   1.9mm Round Subminiature ?쏥ull Wing??Lead (Square Base) LED
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10_15 Datasheet
206Kb / 9P
   1.9mm Round Subminiature Z-Bend Lead Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com