Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

514SYGD-S530-E2 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 514SYGD-S530-E2
Description  2.0*5.0mm Rectangle Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

514SYGD-S530-E2 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  514SYGD-S530-E2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 514SYGD-S530-E2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 514SYGD-S530-E2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 514SYGD-S530-E2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 514SYGD-S530-E2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 514SYGD-S530-E2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Technical Data Sheet
2.0*5.0mm Rectangle Type LED Lamps
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Forward
Voltage
VF
IF=
20
mA
2.0
2.4
V
Reverse
Current
IR
VR=
5
V
10
μA
Luminous
Intensity
Iv
IF=
20
mA
2.5
5.0
mcd
Viewing Angle
2θ1/2
IF=
20
mA
180
deg
Peak
Wavelength
λp
IF=
20
mA
575
nm
Dominant
Wavelength
λd
IF=
20
mA
573
nm
Spectrum
Radiation
Bandwidth
△λ
IF=
20
mA
20
nm
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
2
Page: 3 of 6
Device Number : CDLE-051-175
Prepared date:
Prepared by:
Xiuzen Feng
514SYGD/S530-E2
Condition
2005/10/25


Similar Part No. - 514SYGD-S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
514SYGT EVERLIGHT-514SYGT Datasheet
89Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
514SYGT/S530-E2 EVERLIGHT-514SYGT/S530-E2 Datasheet
89Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
More results

Similar Description - 514SYGD-S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
514SYGT EVERLIGHT-514SYGT Datasheet
89Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SYGD EVERLIGHT-523-2SYGD Datasheet
101Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SDRD-S530-A3 EVERLIGHT-523-2SDRD-S530-A3 Datasheet
107Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523SURD-S530-A3 EVERLIGHT-523SURD-S530-A3 Datasheet
118Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523UYD-S530-A3 EVERLIGHT-523UYD-S530-A3 Datasheet
107Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
513SYGD-S530-E2 EVERLIGHT-513SYGD-S530-E2 Datasheet
91Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SDRD-S530-A3 EVERLIGHT-523-2SDRD-S530-A3_15 Datasheet
107Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SURD-S530-A3 EVERLIGHT-523-2SURD-S530-A3_15 Datasheet
105Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523SYGD-S530-E2-P3 EVERLIGHT-523SYGD-S530-E2-P3_15 Datasheet
102Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
514SURD EVERLIGHT-514SURD Datasheet
93Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SDRD EVERLIGHT-523-2SDRD Datasheet
101Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com