Selected language     English  ▼


74VHCT02D Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. 74VHCT02D
Description  Quad 2-input NOR gate
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 1 page
background image
1.
General description
The 74VHC02; 74VHCT02 are high-speed Si-gate CMOS devices and are pin compatible
with Low-power Schottky TTL (LSTTL). They are specified in compliance with JEDEC
standard No. 7-A.
The 74VHC02; 74VHCT02 provide a quad 2-input NOR function.
2.
Features
I Balanced propagation delays
I All inputs have a Schmitt-trigger action
I Inputs accept voltages higher than VCC
I Input levels:
N The 74VHC02 operates with CMOS input level
N The 74VHCT02 operates with TTL input level
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
N CDM JESD22-C101C exceeds 1000 V
I Multiple package options
I Specified from −40 °C to +85 °C and from −40 °C to +125 °C
3.
Ordering information
74VHC02; 74VHCT02
Quad 2-input NOR gate
Rev. 01 — 13 August 2009
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74VHC02D
−40 °C to +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74VHCT02D
74VHC02PW
−40 °C to +125 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74VHCT02PW
74VHC02BQ
−40 °C to +125 °C
DHVQFN14
plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals;
body 2.5
× 3 × 0.85 mm
SOT762-1
74VHCT02BQ




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl