Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A274B-SYG-S530-E2 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # A274B-SYG-S530-E2
Description  3mm 1Pcs Circuit Board Indicator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

A274B-SYG-S530-E2 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  A274B-SYG-S530-E2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd A274B-SYG-S530-E2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd A274B-SYG-S530-E2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd A274B-SYG-S530-E2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd A274B-SYG-S530-E2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd A274B-SYG-S530-E2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
3mm 1Pcs Circuit Board Indicator
Min.
Typ.
Max.
Unit
IF=
20
mA
2.0
2.4
V
VR=5
V
10
μA
IF=
20
mA
25
50
mcd
IF=
20
mA
60
deg
IF=
20
mA
575
nm
IF=
20
mA
573
nm
IF=
20
mA
20
nm
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
REV.:
1
Device Number :
CDAE-027-005
Prepared date:
Prepared by:
Lan Feng
Page:3 of 6
Dominant Wavelength
Spectrum Radiation
Bandwidth
Parameter
Condition
Forward Voltage
Reverse Current
Luminous Intensity
Viewing Angle
Peak Wavelength
Symbol
VF
IR
Iv
2θ1/2
A274B/SYG/S530-E2
Electro-Optical Characteristics(Ta=25℃)
2005/7/13
λp
λd
△λ


Similar Part No. - A274B-SYG-S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
A274B-SYG-S530-E2 EVERLIGHT-A274B-SYG-S530-E2_15 Datasheet
97Kb / 6P
   3mm 1Pcs Circuit Board Indicator
More results

Similar Description - A274B-SYG-S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
A274B-SYG-S530-E2 EVERLIGHT-A274B-SYG-S530-E2_15 Datasheet
97Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A3724B-SUR-S530-A3 EVERLIGHT-A3724B-SUR-S530-A3 Datasheet
107Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A4254B-SUR-S530-A3 EVERLIGHT-A4254B-SUR-S530-A3 Datasheet
105Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A4414B-20-SUBC-S400-A6 EVERLIGHT-A4414B-20-SUBC-S400-A6 Datasheet
98Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A4254B-UY-S530-A3 EVERLIGHT-A4254B-UY-S530-A3 Datasheet
107Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A4254B-SYG-S530-E2-C199 EVERLIGHT-A4254B-SYG-S530-E2-C199 Datasheet
97Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A2774B-SYG-S530-E2 EVERLIGHT-A2774B-SYG-S530-E2 Datasheet
97Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A4264B-2SYG-S530-E2 EVERLIGHT-A4264B-2SYG-S530-E2 Datasheet
98Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A2703B-SUR-S530-A3 EVERLIGHT-A2703B-SUR-S530-A3 Datasheet
101Kb / 6P
   4.7mm 1Pcs Circuit Board Indicator
A253B-SUR-S530-A3-R EVERLIGHT-A253B-SUR-S530-A3-R Datasheet
96Kb / 6P
   5mm 1Pcs Circuit Board Indicator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com