Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EHP-C04-NT01A-P01-TR Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # EHP-C04-NT01A-P01-TR
Description  Small & compact package and with high efficiency
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EHP-C04-NT01A-P01-TR Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  EHP-C04-NT01A-P01-TR Datasheet HTML 1Page - Everlight Electronics Co., Ltd EHP-C04-NT01A-P01-TR Datasheet HTML 2Page - Everlight Electronics Co., Ltd EHP-C04-NT01A-P01-TR Datasheet HTML 3Page - Everlight Electronics Co., Ltd EHP-C04-NT01A-P01-TR Datasheet HTML 4Page - Everlight Electronics Co., Ltd EHP-C04-NT01A-P01-TR Datasheet HTML 5Page - Everlight Electronics Co., Ltd EHP-C04-NT01A-P01-TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd EHP-C04-NT01A-P01-TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd EHP-C04-NT01A-P01-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd EHP-C04-NT01A-P01-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DATASHEET
EHP-C04/NT01A-P01/TR
2
Copyright © 2010, Everlight All Rights Reserved. Release Date : 10.06.2011. Issue No: DHE-0000878
www.everlight.com
EHP-C04/NT01A-P01/TR
MASS
PRODUTION
Features
Small & compact package and with high efficiency
Typical luminous flux: 160 lm @ 1000mA
Typical color temperature: 5700 K@1000mA
Optical efficiency@1A : 45 lm/W
ESD protection up to 8KV
Moisture Sensitivity Level (MSL) Class 1
Grouping parameter: total luminous flux, color coordinates.
RoHS compliant & Pb free.
Applications
Mobile Phone Camera Flash(Camera flash light /strobe light for mobile devices )
Torch light for DV(Digital Video) application
Indoor lighting applications
Signal and symbol luminaries for orientation maker lights (e.g. steps, exit ways, etc.)
TFT backlighting
Exterior and interior illumination applications
Decorative and Entertainment Lighting
Exterior and interior automotive illumination


Similar Part No. - EHP-C04-NT01A-P01-TR

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-C04-NT01H-P01-TR EVERLIGHT-EHP-C04-NT01H-P01-TR Datasheet
363Kb / 12P
   Small & compact package and with high efficiency
More results

Similar Description - EHP-C04-NT01A-P01-TR

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
EHP-C04-NT01H-P01-TR EVERLIGHT-EHP-C04-NT01H-P01-TR Datasheet
363Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W85A0 EVERLIGHT-EAFL2016W85A0 Datasheet
566Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W16A0 EVERLIGHT-EAFL2016W16A0 Datasheet
552Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W20A0 EVERLIGHT-EAFL2016W20A0 Datasheet
569Kb / 13P
   Small & compact package and with high efficiency
ELSH-F81CX EVERLIGHT-ELSH-F81CX Datasheet
1Mb / 40P
   Small package with high efficiency
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
ELSH-J51CX EVERLIGHT-ELSH-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com