Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EHP-C04-NT01A-P01-TR Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # EHP-C04-NT01A-P01-TR
Description  Small & compact package and with high efficiency
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EHP-C04-NT01A-P01-TR Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  EHP-C04-NT01A-P01-TR Datasheet HTML 1Page - Everlight Electronics Co., Ltd EHP-C04-NT01A-P01-TR Datasheet HTML 2Page - Everlight Electronics Co., Ltd EHP-C04-NT01A-P01-TR Datasheet HTML 3Page - Everlight Electronics Co., Ltd EHP-C04-NT01A-P01-TR Datasheet HTML 4Page - Everlight Electronics Co., Ltd EHP-C04-NT01A-P01-TR Datasheet HTML 5Page - Everlight Electronics Co., Ltd EHP-C04-NT01A-P01-TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd EHP-C04-NT01A-P01-TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd EHP-C04-NT01A-P01-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd EHP-C04-NT01A-P01-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DATASHEET
EHP-C04/NT01A-P01/TR
5
Copyright © 2010, Everlight All Rights Reserved. Release Date : 10.06.2011. Issue No: DHE-0000878
www.everlight.com
White Bin Structure
0.25
0.30
0.35
0.40
0.45
0.25
0.30
0.35
0.40
0.45
(3)
(2)
(1)
4500
5000
5700
7000
x
Notes
1. Color Bin (1) : 4550K
2. Color Bin (2) : 5057K
3. Color Bin (3) : 4550K
White Bin Coordinate
Bin
CIE-X
CIE-Y
CCT Reference Range
4550
0.3738
0.4378
4500K ~ 5000K
0.3524
0.4061
0.3440
0.3420
0.3620
0.3720
5057
0.3300
0.3200
5000K ~ 5700K
0.3300
0.3730
0.3440
0.3420
0.3524
0.4061
5770
0.3030
0.3330
5700K ~ 7000K
0.3300
0.3730
0.3300
0.3200
0.3110
0.2920
Note:
1. Color coordinates measurement allowance: ±0.01
2. Color bins are defined at IF = 1000mA and 50ms pulse operation condition.


Similar Part No. - EHP-C04-NT01A-P01-TR

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-C04-NT01H-P01-TR EVERLIGHT-EHP-C04-NT01H-P01-TR Datasheet
363Kb / 12P
   Small & compact package and with high efficiency
More results

Similar Description - EHP-C04-NT01A-P01-TR

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
EHP-C04-NT01H-P01-TR EVERLIGHT-EHP-C04-NT01H-P01-TR Datasheet
363Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W85A0 EVERLIGHT-EAFL2016W85A0 Datasheet
566Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W16A0 EVERLIGHT-EAFL2016W16A0 Datasheet
552Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W20A0 EVERLIGHT-EAFL2016W20A0 Datasheet
569Kb / 13P
   Small & compact package and with high efficiency
ELSH-F81CX EVERLIGHT-ELSH-F81CX Datasheet
1Mb / 40P
   Small package with high efficiency
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
ELSH-J51CX EVERLIGHT-ELSH-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com