Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL3H4(A)(EC)-VG Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # EL3H4(A)(EC)-VG
Description  4 PIN SOP PHOTOTRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL3H4(A)(EC)-VG Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button EL3H4(A)(EC)-VG Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL3H4(A)(EC)-VG Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL3H4(A)(EC)-VG Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL3H4(A)(EC)-VG Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL3H4(A)(EC)-VG Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL3H4(A)(EC)-VG Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL3H4(A)(EC)-VG Datasheet HTML 9Page - Everlight Electronics Co., Ltd EL3H4(A)(EC)-VG Datasheet HTML 10Page - Everlight Electronics Co., Ltd EL3H4(A)(EC)-VG Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2009-06-26 09:40:38.0
4 PIN SOP PHOTOTRANSISTOR
AC INPUT PHOTOCOUPLER
Everlight Electronics Co., Ltd.
10
http://www.everlight.com
Document No:DPC-0000006
Rev.2
June, 19 2009
EL3H4-G Series
Solder Reflow Temperature Profile
TIME (S)
150
C
1-3
C/Sec Max
70 – 170 Sec
200
C
217
C
>255
C (30s Max)
1-3
C/Sec Max
60 – 140 Sec
260
C (peak)


Similar Part No. - EL3H4(A)(EC)-VG

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL3H4 EVERLIGHT-EL3H4 Datasheet
861Kb / 11P
   4 PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
EL3H4-G EVERLIGHT-EL3H4-G Datasheet
861Kb / 11P
   4 PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
EL3H4-G EVERLIGHT-EL3H4-G_16 Datasheet
861Kb / 11P
   4 PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
EL3H4A EVERLIGHT-EL3H4A Datasheet
861Kb / 11P
   4 PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
EL3H4B EVERLIGHT-EL3H4B Datasheet
861Kb / 11P
   4 PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
More results

Similar Description - EL3H4(A)(EC)-VG

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL354N-G EVERLIGHT-EL354N-G Datasheet
407Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
EL354 EVERLIGHT-EL354 Datasheet
316Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
EL357NCTA-VG EVERLIGHT-EL357NCTA-VG Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357NB-G EVERLIGHT-EL357NB-G Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357 EVERLIGHT-EL357_08 Datasheet
321Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL121N EVERLIGHT-EL121N Datasheet
1Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357N-G EVERLIGHT-EL357N-G_14 Datasheet
714Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
ELD20X_21X EVERLIGHT-ELD20X_21X Datasheet
406Kb / 11P
   8 PIN SOP PHOTOTRANSISTOR
EL357NC-G EVERLIGHT-EL357NC-G Datasheet
374Kb / 11P
   4 PIN ULTRA SMALL SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL101X-G EVERLIGHT-EL101X-G_17 Datasheet
1Mb / 12P
   4 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com