Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL213 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # EL213
Description  8 PIN SOP PHOTOTRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL213 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button EL213 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL213 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL213 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL213 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL213 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL213 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL213 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL213 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EL213 Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
8 PIN SOP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
6
http:\\www.everlight.com
Document No:DPC-0000023 Rev. 1
Decmber 28, 2009
EL20X / 21X series
VCC
Figure 8. Switching Time Test Circuit & Waveforms
IF
IC
RL
RIN
Output
Input
Pulse
10%
Input
Output
Pulse
90%
t
t
r
f
ton
toff


Similar Part No. - EL213

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL213 EVERLIGHT-EL213 Datasheet
734Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
logo
Intersil Corporation
EL2130 INTERSIL-EL2130 Datasheet
205Kb / 7P
   85MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2130CN INTERSIL-EL2130CN Datasheet
205Kb / 7P
   85MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2130CN ELANTEC-EL2130CN Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
More results

Similar Description - EL213

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD20X_21X EVERLIGHT-ELD20X_21X Datasheet
406Kb / 11P
   8 PIN SOP PHOTOTRANSISTOR
ELD20X EVERLIGHT-ELD20X Datasheet
328Kb / 11P
   8 PIN SOP PHOTOTRANSISTOR
EL20X EVERLIGHT-EL20X_14 Datasheet
734Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
ELD20X EVERLIGHT-ELD20X_15 Datasheet
870Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR DUAL CHANNEL PHOTOCOUPLER
ELD20X EVERLIGHT-ELD20X_13 Datasheet
885Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR DUAL CHANNEL PHOTOCOUPLER
EL354N-G EVERLIGHT-EL354N-G Datasheet
407Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
EL3H4-G EVERLIGHT-EL3H4-G Datasheet
453Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
EL354 EVERLIGHT-EL354 Datasheet
316Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
EL357NCTA-VG EVERLIGHT-EL357NCTA-VG Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357NB-G EVERLIGHT-EL357NB-G Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com