Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL357NE Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # EL357NE
Description  4 PIN ULTRA SMALL SOP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL357NE Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button EL357NE Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL357NE Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL357NE Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL357NE Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL357NE Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL357NE Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL357NE Datasheet HTML 9Page - Everlight Electronics Co., Ltd EL357NE Datasheet HTML 10Page - Everlight Electronics Co., Ltd EL357NE Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LifecyclePhase:
Revision
: 4
Expired Period: Forever
Release Date:2010-01-15 13:27:26.0
4 PIN ULTRA SMALL SOP
PHOTOTRANSISTOR PHOTOCOUPLER
Everlight Electronics Co., Ltd.
9
http://www.everlight.com
Document No:DPC-0000014
Rev. 4
December 28, 2009
EL357N-G Series
Tape & Reel Packing Specifications
Tape dimensions
Dimension No.
A
B
Do
D1
E
F
Dimension (mm)
4.4 ± 0.1
7.4 ± 0.1
1.5 + 0.1/-0
1.5 ± 0.1
1.7 5± 0.1
7.5 ± 0.1
Dimension No.
Po
P1
P2
t
W
K
Dimension (mm)
4.0 ± 0.15
8.0 ± 0.1
2.0 ± 0.1
0.25 ± 0.03
16.0 ± 0.2
2.4 ± 0.1
Direction of feed from reel
Direction of feed from reel
Option TA
Option TB


Similar Part No. - EL357NE

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL357NE EVERLIGHT-EL357NE Datasheet
714Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357NETA-VG EVERLIGHT-EL357NETA-VG Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357NETB-VG EVERLIGHT-EL357NETB-VG Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
More results

Similar Description - EL357NE

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL357NC-G EVERLIGHT-EL357NC-G Datasheet
374Kb / 11P
   4 PIN ULTRA SMALL SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL3H7-G EVERLIGHT-EL3H7-G Datasheet
453Kb / 12P
   4 PIN ULTRA SMALL SSOP
EL354N-G EVERLIGHT-EL354N-G Datasheet
407Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
   4-PIN SOP PHOTOCOUPLER
logo
Everlight Electronics C...
EL354 EVERLIGHT-EL354 Datasheet
316Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
logo
California Eastern Labs
PS2845-4A CEL-PS2845-4A Datasheet
344Kb / 11P
   WORLDS SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SMALL SOP PHOTOCOUPLER
logo
Everlight Electronics C...
EL3H4-G EVERLIGHT-EL3H4-G Datasheet
453Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
logo
California Eastern Labs
PS2841-4A CEL-PS2841-4A Datasheet
361Kb / 11P
   WORLDS SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SMALL SOP PHOTOCOUPLER
logo
Clare, Inc.
CPC1035N CLARE-CPC1035N Datasheet
93Kb / 6P
   4 Pin SOP OptoMOS Relay
logo
Solid State Optronic
SM4206 SSOUSA-SM4206 Datasheet
212Kb / 7P
   Miniature 4 pin SOP package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com