Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL825(S1)(TB)-V Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # EL825(S1)(TB)-V
Description  4 PIN DIP PHOTOTRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL825(S1)(TB)-V Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  EL825(S1)(TB)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd EL825(S1)(TB)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL825(S1)(TB)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL825(S1)(TB)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL825(S1)(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL825(S1)(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL825(S1)(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL825(S1)(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL825(S1)(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
4 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
1
http://www.everlight.com
Document No:DPC-0000025 Rev. 2
December 28, 2009
EL825 Series
Features:
• Current transfer ratio
(CTR: 600~7500% at IF =1mA, VCE =2V)
• High isolation voltage between input
and output (Viso=5000 V rms )
• Creepage distance >7.62 mm
• O
These devices are packaged in an 8-pin DIP package and
perating temperature up to +110°C
• Compact small outline package
• Pb free and RoHS compliant.
• UL approved (No. E214129)
• VDE approved (No. 132249)
• SEMKO approved
• NEMKO approved
• DEMKO approved
• FIMKO approved
• CSA approved
• CQC approved
Description
The EL825 series devices each consists of an infrared
emitting diodes, optically coupled to a Darlington
phototransistor detector.
available in wide-lead spacing and SMD option.
Applications
Schematic
• Telephone set, telephone exchangers
• Sequence controllers
1
8
2
7
3
6
• System appliances, measuring instruments
• Signal transmission between circuits of different potentials and impedances
4
5
Pin Configuration
1, 3. Anode
2, 4. Cathode
5, 7. Emitter
6, 8. Collector


Similar Part No. - EL825(S1)(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL825 EVERLIGHT-EL825 Datasheet
708Kb / 12P
   8 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
EL825 EVERLIGHT-EL825_13 Datasheet
708Kb / 12P
   8 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
More results

Similar Description - EL825(S1)(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL815 EVERLIGHT-EL815_10 Datasheet
676Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR
EL817-G EVERLIGHT-EL817-G Datasheet
427Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR
EL814 EVERLIGHT-EL814_10 Datasheet
749Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR
logo
List of Unclassifed Man...
Q814 ETC1-Q814 Datasheet
502Kb / 13P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Everlight Electronics C...
EL816 EVERLIGHT-EL816_18 Datasheet
807Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817-G EVERLIGHT-EL817-G_17 Datasheet
797Kb / 12P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL816M EVERLIGHT-EL816M Datasheet
508Kb / 15P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817MB EVERLIGHT-EL817MB Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817MC EVERLIGHT-EL817MC Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL-817C EVERLIGHT-EL-817C Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com