Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL851M(TB)-V Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # EL851M(TB)-V
Description  4 PIN DIP HIGH VOLTAGE PHOTOTRANSISTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL851M(TB)-V Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  EL851M(TB)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd EL851M(TB)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL851M(TB)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL851M(TB)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL851M(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL851M(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL851M(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL851M(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL851M(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
4 PIN DIP HIGH VOLTAGE PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
2
http://www.everlight.com
Document No
:DPC-0000082
Rev.2
November 18, 2011
EL851 series
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
80
mA
Peak forward current (1µs pulse)
IFM
1
A
Reverse voltage
VR
6
V
Power dissipation
PD
150
mW
Output
Collector power dissipation
PC
300
mW
Collector-Emitter voltage
VCEO
350
V
Collector Current
IC
100
mA
Emitter-Collector voltage
VECO
7
V
Total power dissipation
Ptot
260
mW
Isolation voltage
*1
Viso
5000
Vrms
Operating temperature
Topr
-55~+100
°C
Storage temperature
Tstg
-55~+150
°C
Soldering temperature
*2
Tsol
260
°C
Notes
*1 AC for 1 minute, R.H.= 40 ~ 60% R.H. In this test, pins 1 & 2 are shorted together, and pins 3 & 4
are shorted together.
*2 For 10 seconds.


Similar Part No. - EL851M(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL851 EVERLIGHT-EL851 Datasheet
674Kb / 13P
   4 PIN DIP HIGH VOLTAGE PHOTOTRANSISTOR PHOTOCOUPLER
EL851(M)(TA)-V EVERLIGHT-EL851(M)(TA)-V Datasheet
1Mb / 13P
   4 PIN DIP HIGH VOLTAGE PHOTO DARLINGTON
EL851(M)(TB)-V EVERLIGHT-EL851(M)(TB)-V Datasheet
1Mb / 13P
   4 PIN DIP HIGH VOLTAGE PHOTO DARLINGTON
EL851(M)(TD)-V EVERLIGHT-EL851(M)(TD)-V Datasheet
1Mb / 13P
   4 PIN DIP HIGH VOLTAGE PHOTO DARLINGTON
EL851(M)(TU)-V EVERLIGHT-EL851(M)(TU)-V Datasheet
1Mb / 13P
   4 PIN DIP HIGH VOLTAGE PHOTO DARLINGTON
More results

Similar Description - EL851M(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL851 EVERLIGHT-EL851_16 Datasheet
674Kb / 13P
   4 PIN DIP HIGH VOLTAGE PHOTOTRANSISTOR PHOTOCOUPLER
EL815 EVERLIGHT-EL815_10 Datasheet
676Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR
EL817-G EVERLIGHT-EL817-G Datasheet
427Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR
EL825 EVERLIGHT-EL825 Datasheet
633Kb / 12P
   4 PIN DIP PHOTOTRANSISTOR
EL814 EVERLIGHT-EL814_10 Datasheet
749Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR
logo
List of Unclassifed Man...
Q814 ETC1-Q814 Datasheet
502Kb / 13P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Everlight Electronics C...
EL816 EVERLIGHT-EL816_18 Datasheet
807Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817-G EVERLIGHT-EL817-G_17 Datasheet
797Kb / 12P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL816M EVERLIGHT-EL816M Datasheet
508Kb / 15P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817MB EVERLIGHT-EL817MB Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com