Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL851(M)(TB)-V Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # EL851(M)(TB)-V
Description  4 PIN DIP HIGH VOLTAGE PHOTO DARLINGTON
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL851(M)(TB)-V Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button EL851(M)(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL851(M)(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL851(M)(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL851(M)(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL851(M)(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd EL851(M)(TB)-V Datasheet HTML 10Page - Everlight Electronics Co., Ltd EL851(M)(TB)-V Datasheet HTML 11Page - Everlight Electronics Co., Ltd EL851(M)(TB)-V Datasheet HTML 12Page - Everlight Electronics Co., Ltd EL851(M)(TB)-V Datasheet HTML 13Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
4 PIN DIP HIGH VOLTAGE PHOTO DARLINGTON
TRANSISTOR PHOTOCOUPLER
Everlight Electronics Co., Ltd.
10
http://www.everlight.com
Document No
:DPC-0000056
Rev. 3
November 18, 2011
EL852 Series
Tape & Reel Packing Specifications
Tape dimensions
Dimension No.
A
B
Do
D1
E
F
Dimension(mm)
10.4±0.1
4.55±0.1
1.5±0.1
1.5±0.05
1.75±0.1
7.5±0.1
Dimension No.
Po
P1
P2
t
W
K
Dimension(mm)
4.0±0.1
12.0±0.1
2.0±0.1
0.33±0.1
16.0+0.3/
-0.1
4.55±0.1
Option TA
Option TB
Direction of feed from reel
Direction of feed from reel


Similar Part No. - EL851(M)(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL851 EVERLIGHT-EL851 Datasheet
461Kb / 13P
   4 PIN DIP HIGH VOLTAGE PHOTOTRANSISTOR
EL851 EVERLIGHT-EL851 Datasheet
674Kb / 13P
   4 PIN DIP HIGH VOLTAGE PHOTOTRANSISTOR PHOTOCOUPLER
EL851M(TA)-V EVERLIGHT-EL851M(TA)-V Datasheet
461Kb / 13P
   4 PIN DIP HIGH VOLTAGE PHOTOTRANSISTOR
EL851M(TB)-V EVERLIGHT-EL851M(TB)-V Datasheet
461Kb / 13P
   4 PIN DIP HIGH VOLTAGE PHOTOTRANSISTOR
EL851M(TD)-V EVERLIGHT-EL851M(TD)-V Datasheet
461Kb / 13P
   4 PIN DIP HIGH VOLTAGE PHOTOTRANSISTOR
More results

Similar Description - EL851(M)(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL851 EVERLIGHT-EL851 Datasheet
461Kb / 13P
   4 PIN DIP HIGH VOLTAGE PHOTOTRANSISTOR
EL452-G EVERLIGHT-EL452-G Datasheet
1Mb / 11P
   4 PIN SOP HIGH VOLTAGE DARLINGTON
H11LX EVERLIGHT-H11LX Datasheet
297Kb / 11P
   6 PIN DIP PHOTO COUPLER
EL851 EVERLIGHT-EL851_16 Datasheet
674Kb / 13P
   4 PIN DIP HIGH VOLTAGE PHOTOTRANSISTOR PHOTOCOUPLER
EL852 EVERLIGHT-EL852_14 Datasheet
958Kb / 14P
   4 PIN DIP HIGH VOLTAGE PHOTODARLINGTON PHOTOCOUPLER
CNY64 EVERLIGHT-CNY64 Datasheet
686Kb / 9P
   4 PIN DIP VERY HIGH ISOLATION VOLTAGE
logo
CT Micro International ...
CT452 CTMICRO-CT452 Datasheet
1Mb / 10P
   DC Input 4-Pin Mini-Flat High BVCEO Photo Darlington Optocoupler
logo
Everlight Electronics C...
CNY64 EVERLIGHT-CNY64_13 Datasheet
1Mb / 9P
   4 PIN DIP VERY HIGH ISOLATION VOLTAGE PHOTOCOUPLER
CNY64S EVERLIGHT-CNY64S Datasheet
430Kb / 11P
   4 PIN DIP VERY HIGH ISOLATION VOLTAGE PHOTOCOUPLER
logo
Motorola, Inc
MTIL113 MOTOROLA-MTIL113 Datasheet
100Kb / 4P
   6-Pin DIP Optoisolators Darlington Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com