Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL817(S)(C)(TA)-FVG Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # EL817(S)(C)(TA)-FVG
Description  4 PIN DIP PHOTOTRANSISTOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL817(S)(C)(TA)-FVG Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  EL817(S)(C)(TA)-FVG Datasheet HTML 1Page - Everlight Electronics Co., Ltd EL817(S)(C)(TA)-FVG Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL817(S)(C)(TA)-FVG Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL817(S)(C)(TA)-FVG Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL817(S)(C)(TA)-FVG Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL817(S)(C)(TA)-FVG Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL817(S)(C)(TA)-FVG Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL817(S)(C)(TA)-FVG Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL817(S)(C)(TA)-FVG Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LifecyclePhase:
Revision
: 4
Expired Period: Forever
Release Date:2011-02-18 08:59:58.0
4 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
3
http://www.everlight.com
Document No:DPC-0000011
Rev.4
July 30, 2010
EL817-G Series
Electrical Characteristics (Ta=25°C unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Forward voltage
VF
-
1.2
1.4
V
IF = 20mA
Reverse current
IR
-
-
10
µA
VR = 4V
Input capacitance
Cin
-
30
250
pF
V = 0, f = 1kHz
Output
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Collector-Emitter dark
current
ICEO
-
-
100
nA
VCE = 20V, IF = 0mA
Collector-Emitter
breakdown voltage
BVCEO
80
-
-
V
IC = 0.1mA
Emitter-Collector
breakdown voltage
BVECO
7
-
-
V
IE = 0.1mA
Transfer Characteristics (Ta=25°C unless specified otherwise)
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
EL817
50
-
600
EL817A
80
-
160
EL817B
130
-
260
EL817C
200
-
400
EL817D
300
-
600
EL817X
100
-
200
Current Transfer
ratio
EL817Y
CTR
150
-
300
%
IF = 5mA ,VCE = 5V
Collector-Emitter
saturation voltage
VCE(sat)
-
0.1
0.2
V
IF = 20mA ,IC = 1mA
Isolation resistance
RIO
5×10
10
-
-
VIO = 500Vdc,
40~60% R.H.
Floating capacitance
CIO
-
0.6
1.0
pF
VIO = 0, f = 1MHz
Cut-off frequency
fc
-
80
-
kHz
VCE = 5V, IC = 2mA
RL = 100, -3dB
Rise time
tr
-
6
18
µs
Fall time
tf
-
8
18
µs
VCE = 2V, IC = 2mA,
RL = 100
* Typical values at Ta = 25°C


Similar Part No. - EL817(S)(C)(TA)-FVG

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL817 EVERLIGHT-EL817 Datasheet
387Kb / 13P
   Photocoupler-RoHS Compliant
EL817 EVERLIGHT-EL817 Datasheet
354Kb / 12P
   Technical Data Sheet Photocoupler
EL817 EVERLIGHT-EL817 Datasheet
377Kb / 12P
   Photocoupler-RoHS Compliant
logo
Shenzhen Luguang Electr...
EL817 LUGUANG-EL817 Datasheet
438Kb / 12P
   Technical Data Sheet Photocoupler-RoHS Compliant
logo
Everlight Electronics C...
EL817 EVERLIGHT-EL817 Datasheet
854Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results

Similar Description - EL817(S)(C)(TA)-FVG

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL815 EVERLIGHT-EL815_10 Datasheet
676Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR
EL825 EVERLIGHT-EL825 Datasheet
633Kb / 12P
   4 PIN DIP PHOTOTRANSISTOR
EL814 EVERLIGHT-EL814_10 Datasheet
749Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR
logo
List of Unclassifed Man...
Q814 ETC1-Q814 Datasheet
502Kb / 13P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Everlight Electronics C...
EL816 EVERLIGHT-EL816_18 Datasheet
807Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817-G EVERLIGHT-EL817-G_17 Datasheet
797Kb / 12P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL816M EVERLIGHT-EL816M Datasheet
508Kb / 15P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817MB EVERLIGHT-EL817MB Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817MC EVERLIGHT-EL817MC Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL-817C EVERLIGHT-EL-817C Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com