Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELD213(TA) Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # ELD213(TA)
Description  8 PIN SOP PHOTOTRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELD213(TA) Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  ELD213(TA) Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELD213(TA) Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELD213(TA) Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELD213(TA) Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELD213(TA) Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELD213(TA) Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELD213(TA) Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELD213(TA) Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELD213(TA) Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
8 PIN SOP PHOTOTRANSISTOR
DUAL CHANNEL PHOTOCOUPLER
Everlight Electronics Co., Ltd.
2
http:\\www.everlight.com
Document No:DPC-0000024
Rev.1
January 16, 2009
ELD20X / 21X series
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Forward current
IF
60
mA
Peak forward current (t = 100µs)
IFM
1
A
Reverse voltage
VR
6
V
Input
Power dissipation
No derating needed
PD
90
mW
Collector power dissipation
No derating needed
PC
150
mW
Collector-Emitter voltage
VCEO
80
V
Collector-Base voltage
VCBO
80
V
Output
Emitter-Collector voltage
VECO
7
V
Total power dissipation
Ptot
250
mW
Isolation voltage
*1
Viso
3750
Vrms
Operating temperature
Topr
-55~+110
°C
Storage temperature
Tstg
-55~+150
°C
Soldering temperature
*2
Tsol
260
°C
Notes
*1 AC for 1 minute, R.H.= 40 ~ 60% R.H. In this test, pins 1, 2 & 3 are shorted together, and pins 4, 5 & 6
are shorted together.
*2 For 10 seconds.


Similar Part No. - ELD213(TA)

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD213(TA)-V EVERLIGHT-ELD213(TA)-V Datasheet
406Kb / 11P
   8 PIN SOP PHOTOTRANSISTOR
More results

Similar Description - ELD213(TA)

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD20X_21X EVERLIGHT-ELD20X_21X Datasheet
406Kb / 11P
   8 PIN SOP PHOTOTRANSISTOR
EL20X EVERLIGHT-EL20X Datasheet
701Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR
EL20X EVERLIGHT-EL20X_14 Datasheet
734Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
ELD20X EVERLIGHT-ELD20X_15 Datasheet
870Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR DUAL CHANNEL PHOTOCOUPLER
ELD20X EVERLIGHT-ELD20X_13 Datasheet
885Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR DUAL CHANNEL PHOTOCOUPLER
EL354N-G EVERLIGHT-EL354N-G Datasheet
407Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
EL3H4-G EVERLIGHT-EL3H4-G Datasheet
453Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
EL354 EVERLIGHT-EL354 Datasheet
316Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
EL357NCTA-VG EVERLIGHT-EL357NCTA-VG Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357NB-G EVERLIGHT-EL357NB-G Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com