Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OBTS141 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # OBTS141
Description  Smart Lowside Power Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

OBTS141 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  OBTS141 Datasheet HTML 1Page - Siemens Semiconductor Group OBTS141 Datasheet HTML 2Page - Siemens Semiconductor Group OBTS141 Datasheet HTML 3Page - Siemens Semiconductor Group OBTS141 Datasheet HTML 4Page - Siemens Semiconductor Group OBTS141 Datasheet HTML 5Page - Siemens Semiconductor Group OBTS141 Datasheet HTML 6Page - Siemens Semiconductor Group OBTS141 Datasheet HTML 7Page - Siemens Semiconductor Group OBTS141 Datasheet HTML 8Page - Siemens Semiconductor Group OBTS141 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
13.07.1998
Semiconductor Group
Page 3
BTS 141
Electrical Characteristics
Parameter
Symbol
Unit
Values
max.
typ.
min.
at Tj=25°C, unless otherwise specified
Characteristics
-
Drain source clamp voltage
Tj = - 40 ...+ 150°C, ID = 10 mA
73
V
VDS(AZ)
60
-
IDSS
-
Off state drain current
VDS = 32 V, Tj = -40...+150 °C, VIN = 0 V
20
µA
1.7
2.2
VIN(th)
1.3
Input threshold voltage
ID = 2,7 mA
V
35
100
µA
IIN(1)
-
Input current - normal operation,
ID<ID(lim):
VIN = 10 V
270
Input current - current limitation mode,
ID=ID(lim):
VIN = 10 V
500
IIN(2)
-
2500
IIN(3)
1000
Input current - after thermal shutdown,
ID=0 A:
VIN = 10 V
4000
-
-
-
-
IIN(H)
500
300
Input holding current after thermal shutdown
Tj = 25 °C
Tj = 150 °C
31
52
34
68
m
RDS(on)
-
-
On-state resistance
ID = 12 A, VIN = 5 V, Tj = 25 °C
ID = 12 A, VIN = 5 V, Tj = 150 °C
25
45
On-state resistance
ID = 12 A, VIN = 10 V, Tj = 25 °C
ID = 12 A, VIN = 10 V, Tj = 150 °C
28
56
RDS(on)
-
-
-
ID(ISO)
12
Nominal load current (ISO 10483)
VIN = 10 V, VDS = 0.5 V, TC = 85 °C
-
A


Similar Part No. - OBTS141

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
OBTS149 SIEMENS-OBTS149 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
More results

Similar Description - OBTS141

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
   Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
   Smart Lowside Power Switch
2002-09-04
logo
Siemens Semiconductor G...
OBTS949 SIEMENS-OBTS949 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS149 INFINEON-BTS149 Datasheet
309Kb / 10P
   Smart Lowside Power Switch
2004-02-02
BTS142D INFINEON-BTS142D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BSP76 INFINEON-BSP76 Datasheet
276Kb / 10P
   Smart Lowside Power Switch
Rev. 1.3, 2008-04-14
logo
Siemens Semiconductor G...
OBTS149 SIEMENS-OBTS149 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
OBTS917 SIEMENS-OBTS917 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS134D INFINEON-BTS134D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com