Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELS-315SURWA-S530-A3 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # ELS-315SURWA-S530-A3
Description  0.36" Single Digit Displays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELS-315SURWA-S530-A3 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  ELS-315SURWA-S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELS-315SURWA-S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELS-315SURWA-S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELS-315SURWA-S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELS-315SURWA-S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELS-315SURWA-S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELS-315SURWA-S530-A3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.36" Single Digit Displays
ELS-315SURWA/S530-A3
█ Features :
● Industrial standard size.
● Low power consumption.
● Categorized for luminous intensity.
● Pb free
● The product itself will remain within RoHS
compliant version
█ Descriptions :
● The ELS-315 series is a large 9.14 mm
(0.36")high seven segment display
designed for viewing distances up to
7 meters.
● These displays provide excellent
reliability in bright ambient light.
● These devices are made with white
segments and gray surface.
█ Applications :
● Audio equipment
● Instrument panels
● Digital read out display
Material
AlGaInP
/
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 2
Page: 1 of 6
Device Number :CDDS-315-017
Prepared date:2004/06/24
Prepared by: YanLi Zhong
ELS-315SURWA/S530-A3
PART NO.
Emitted Color
Hyper Red
Chip


Similar Part No. - ELS-315SURWA-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-315SURWA EVERLIGHT-ELS-315SURWA Datasheet
120Kb / 7P
   0.36 Single Digit Displays
ELS-315SURWA/S530-A3 EVERLIGHT-ELS-315SURWA/S530-A3 Datasheet
120Kb / 7P
   0.36 Single Digit Displays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com