Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62703-Q2625 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62703-Q2625
Description  Super TOPLED High-Current LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q2625 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62703-Q2625 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q2625 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q2625 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q2625 Datasheet HTML 4Page - Siemens Semiconductor Group Q62703-Q2625 Datasheet HTML 5Page - Siemens Semiconductor Group Q62703-Q2625 Datasheet HTML 6Page - Siemens Semiconductor Group Q62703-Q2625 Datasheet HTML 7Page - Siemens Semiconductor Group Q62703-Q2625 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Semiconductor Group
2
s Nicht für Neuentwicklungen/Not for new design
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissions-
farbe
Color of
Emission
Farbe der Licht-
austrittsfläche
Color of the
Light Emitting
Area
Lichtstärke
Luminous
Intensity
I
F = 50 mA
I
V (mcd)
Lichtstrom
Luminous
Flux
I
F = 50 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LS T672-LP
LS T672-N
LS T672-P
LS T672-NR
super-red
colorless clear
10
... 80
25
... 50
40
... 80
25
... 200
-
100 (typ.)
180 (typ.)
-
Q62703-Q2334
Q62703-Q2513
Q62703-Q2514
Q62703-Q2331
LO T672-MQ
LO T672-N
LO T672-P
LO T672-NR
orange
colorless clear
16
... 125
25
... 50
4
... 80
25
... 200
-
100 (typ.)
180 (typ.)
-
Q62703-Q2623
Q62703-Q2494
Q62703-Q2493
Q62703-Q2330
LY T672-LP
LY T672-N
LY T672-P
LY T672-NR
yellow
colorless clear
10
... 80
25
... 50
40
... 80
25
... 200
-
100 (typ.)
180 (typ.)
-
Q62703-Q2624
Q62703-Q2515
Q62703-Q2516
Q62703-Q2332
LG T672-MQ
LG T672-N
LG T672-P
LG T672-Q
LG T672-NR
green
colorless clear
16
... 125
25
... 50
40
... 80
63
... 125
25
... 200
-
100 (typ.)
180 (typ.)
300 (typ.)
-
Q62703-Q2625
Q62703-Q2517
Q62703-Q2518
Q62703-Q3081
Q62703-Q3854
LP T672-KN
LP T672-L
LP T672-M
LP T672-N
LP T672-LP
pure green
colorless clear
6.3 ... 50
10.0 ... 20
16.0 ... 32
25.0 ... 50
10.0 ... 80
-
45 (typ.)
75 (typ.)
100 (typ.)
-
Q62703-Q2626
Q62703-Q2627
Q62703-Q2289
Q62703-Q2290
Q62703-Q2334
s
s
s
s
s
s
s
s
s
s
s
s
LS T672, LO T672, LY T672
LG T672, LP T672


Similar Part No. - Q62703-Q2625

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62703-Q2628 SIEMENS-Q62703-Q2628 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
Q62703-Q2629 SIEMENS-Q62703-Q2629 Datasheet
153Kb / 7P
   3 mm T1 3/4 LED, Diffused Wide-Angle LED
More results

Similar Description - Q62703-Q2625

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LST672 OSRAM-LST672 Datasheet
185Kb / 8P
   Super TOPLED / High-Current LED
logo
Siemens Semiconductor G...
LSST672 SIEMENS-LSST672 Datasheet
464Kb / 8P
   Super Multi TOPLED High-Current LED
LOYT672 SIEMENS-LOYT672 Datasheet
467Kb / 8P
   Super Multi TOPLED High-Current LED
LST679 SIEMENS-LST679 Datasheet
431Kb / 7P
   LC TOPLED Low Current LED
LHT674 SIEMENS-LHT674 Datasheet
402Kb / 7P
   TOPLED Super-Bright, Hyper-Red GaAIAs-LED
LSM779 SIEMENS-LSM779 Datasheet
421Kb / 7P
   LC Mini TOPLED RG Low Current LED
LSA672 SIEMENS-LSA672 Datasheet
172Kb / 8P
   Super SIDELED High-Current LED
LHT774 SIEMENS-LHT774 Datasheet
399Kb / 7P
   TOPLED RG Super-Bright, Hyper-Red GaAIAs-LED
logo
Marktech Corporate
LP6-TPP1-01 MARKTECH-LP6-TPP1-01 Datasheet
117Kb / 4P
   RGB TOPLED LED
LM1-TPP1-01 MARKTECH-LM1-TPP1-01 Datasheet
260Kb / 4P
   Cotco RGB TOPLED LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com