Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM3024(TA)-V Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # ELM3024(TA)-V
Description  4 PIN SOP RANDOM-PHASE TRIAC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELM3024(TA)-V Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button ELM3024(TA)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELM3024(TA)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELM3024(TA)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELM3024(TA)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELM3024(TA)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELM3024(TA)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELM3024(TA)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELM3024(TA)-V Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELM3024(TA)-V Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2010-12-20 21:03:01.0
4 PIN SOP RANDOM-PHASE TRIAC
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
9
http:\\www.everlight.com
Document No:DPC-0000083
Rev. 1
November 30, 2010
ELM302X Series
ELM305X Series
Tape & Reel Packing Specifications
Tape dimensions
Dimension No.
A
B
Do
D1
E
F
Dimension (mm)
4.4 ± 0.1
7.4 ± 0.1
1.5 + 0.1/-0
1.5 ± 0.1
1.7 5± 0.1
7.5 ± 0.1
Dimension No.
Po
P1
P2
t
W
K
Dimension (mm)
4.0 ± 0.15
8.0 ± 0.1
2.0 ± 0.1
0.25 ± 0.03
16.0 ± 0.2
2.4 ± 0.1
Direction of feed from reel
Direction of feed from reel
Option TA
Option TB


Similar Part No. - ELM3024(TA)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM302X EVERLIGHT-ELM302X Datasheet
618Kb / 11P
   4 PIN SOP RANDOM-PHASE TRIAC PHOTOCOUPLER
ELM302X EVERLIGHT-ELM302X_13 Datasheet
618Kb / 11P
   4 PIN SOP RANDOM-PHASE TRIAC PHOTOCOUPLER
More results

Similar Description - ELM3024(TA)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM302X EVERLIGHT-ELM302X_13 Datasheet
618Kb / 11P
   4 PIN SOP RANDOM-PHASE TRIAC PHOTOCOUPLER
ELT302X EVERLIGHT-ELT302X Datasheet
637Kb / 13P
   4 PIN DIP RANDOM-PHASE TRIAC DRIVER
ELT302X EVERLIGHT-ELT302X_14 Datasheet
769Kb / 13P
   4 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
ELM304X EVERLIGHT-ELM304X Datasheet
430Kb / 12P
   4 PIN SOP ZERO CROSS TRIAC
EL301X EVERLIGHT-EL301X Datasheet
1Mb / 12P
   5 PIN DIP RANDOM-PHASE TRIAC DRIVER
EL301X_0808 EVERLIGHT-EL301X_0808 Datasheet
316Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER
logo
List of Unclassifed Man...
Q301X ETC2-Q301X Datasheet
890Kb / 14P
   RANDOM-PHASE TRIAC OPTOCOUPLER
logo
Solid State Optronic
TD3022 SSOUSA-TD3022 Datasheet
263Kb / 4P
   Random-Phase Triac Driver
logo
List of Unclassifed Man...
Q301X ETC1-Q301X Datasheet
890Kb / 14P
   RANDOM-PHASE TRIAC OPTOCOUPLER
logo
Solid State Optronic
TDM3023 SSOUSA-TDM3023 Datasheet
221Kb / 4P
   Random-Phase Triac Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com