Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67060-S6703-A4 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # Q67060-S6703-A4
Description  Smart Lowside Power Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67060-S6703-A4 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button Q67060-S6703-A4 Datasheet HTML 3Page - Siemens Semiconductor Group Q67060-S6703-A4 Datasheet HTML 4Page - Siemens Semiconductor Group Q67060-S6703-A4 Datasheet HTML 5Page - Siemens Semiconductor Group Q67060-S6703-A4 Datasheet HTML 6Page - Siemens Semiconductor Group Q67060-S6703-A4 Datasheet HTML 7Page - Siemens Semiconductor Group Q67060-S6703-A4 Datasheet HTML 8Page - Siemens Semiconductor Group Q67060-S6703-A4 Datasheet HTML 9Page - Siemens Semiconductor Group Q67060-S6703-A4 Datasheet HTML 10Page - Siemens Semiconductor Group Q67060-S6703-A4 Datasheet HTML 11Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
14.07.1998
Semiconductor Group
Page 9
BTS 949
Application examples:
Current Sense Features and Status
Signals
D
S
IN
CC
µC
V
bb
HITFET
RCC
V
CC
IN
Vcc
Vcc
open
load
thermal
shutdown
reached triptemperature
The accuray of Vcc is at each
temperature about
±10 %
Status signal of thermal shutdown by
monitoring input current
D
S
IN
µC
V
bb
HITFET
V
IN
RSt
V
IN
thermal shutdown
∆ V
CC
µC
∆V = R
ST *IIN(3)


Similar Part No. - Q67060-S6703-A4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67060-S6700-A2 SIEMENS-Q67060-S6700-A2 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
Q67060-S6700-A3 SIEMENS-Q67060-S6700-A3 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
Q67060-S6700-A4 SIEMENS-Q67060-S6700-A4 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
More results

Similar Description - Q67060-S6703-A4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
   Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
   Smart Lowside Power Switch
2002-09-04
BTS149 INFINEON-BTS149 Datasheet
309Kb / 10P
   Smart Lowside Power Switch
2004-02-02
BTS142D INFINEON-BTS142D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BSP76 INFINEON-BSP76 Datasheet
276Kb / 10P
   Smart Lowside Power Switch
Rev. 1.3, 2008-04-14
logo
Siemens Semiconductor G...
OBTS149 SIEMENS-OBTS149 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
OBTS917 SIEMENS-OBTS917 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS134D INFINEON-BTS134D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com