Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL817(S)(X)(TD)-FVG Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # EL817(S)(X)(TD)-FVG
Description  4 PIN DIP PHOTOTRANSISTOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL817(S)(X)(TD)-FVG Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button EL817(S)(X)(TD)-FVG Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL817(S)(X)(TD)-FVG Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL817(S)(X)(TD)-FVG Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL817(S)(X)(TD)-FVG Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL817(S)(X)(TD)-FVG Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL817(S)(X)(TD)-FVG Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL817(S)(X)(TD)-FVG Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL817(S)(X)(TD)-FVG Datasheet HTML 9Page - Everlight Electronics Co., Ltd EL817(S)(X)(TD)-FVG Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LifecyclePhase:
Revision
: 4
Expired Period: Forever
Release Date:2011-02-18 08:59:58.0
4 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
6
http://www.everlight.com
Document No:DPC-0000011
Rev.4
July 30, 2010
EL817-G Series
Order Information
Part Number
EL817(X)(Y)(Z)-FVG
Note
X
= Lead form option (S, S1, M or none)
Y
= CTR Rank (A, B, C, D, X, Y or none)
Z
= Tape and reel option (TA, TB ,TU, TD or none).
F
= Lead frame option (F: Iron, None: copper)
V
= VDE (optional)
G
= Halogens free
Option
Description
Packing quantity
None
Standard DIP-4
100 units per tube
M
Wide lead bend (0.4 inch spacing)
100 units per tube
S (TA)
Surface mount lead form + TA tape & reel option
1000 units per reel
S (TB)
Surface mount lead form + TB tape & reel option
1000 units per reel
S1 (TA)
Surface mount lead form (low profile) + TA tape & reel option
1000 units per reel
S1 (TB)
Surface mount lead form (low profile) + TB tape & reel option
1000 units per reel
S2 (TA)
Surface mount lead form (Gull-wing) + TA tape & reel option
500 units per reel
S2 (TB)
Surface mount lead form (Gull-wing) + TB tape & reel option
500 units per reel
S (TU)
Surface mount lead form + TU tape & reel option
1500 units per reel
S (TD)
Surface mount lead form + TD tape & reel option
1500 units per reel
S1 (TU)
Surface mount lead form (low profile) + TU tape & reel option
1500 units per reel
S1 (TD)
Surface mount lead form (low profile) + TD tape & reel option
1500 units per reel


Similar Part No. - EL817(S)(X)(TD)-FVG

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL817 EVERLIGHT-EL817 Datasheet
387Kb / 13P
   Photocoupler-RoHS Compliant
EL817 EVERLIGHT-EL817 Datasheet
354Kb / 12P
   Technical Data Sheet Photocoupler
EL817 EVERLIGHT-EL817 Datasheet
377Kb / 12P
   Photocoupler-RoHS Compliant
logo
Shenzhen Luguang Electr...
EL817 LUGUANG-EL817 Datasheet
438Kb / 12P
   Technical Data Sheet Photocoupler-RoHS Compliant
logo
Everlight Electronics C...
EL817 EVERLIGHT-EL817 Datasheet
854Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results

Similar Description - EL817(S)(X)(TD)-FVG

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL815 EVERLIGHT-EL815_10 Datasheet
676Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR
EL825 EVERLIGHT-EL825 Datasheet
633Kb / 12P
   4 PIN DIP PHOTOTRANSISTOR
EL814 EVERLIGHT-EL814_10 Datasheet
749Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR
logo
List of Unclassifed Man...
Q814 ETC1-Q814 Datasheet
502Kb / 13P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Everlight Electronics C...
EL816 EVERLIGHT-EL816_18 Datasheet
807Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817-G EVERLIGHT-EL817-G_17 Datasheet
797Kb / 12P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL816M EVERLIGHT-EL816M Datasheet
508Kb / 15P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817MB EVERLIGHT-EL817MB Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817MC EVERLIGHT-EL817MC Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL-817C EVERLIGHT-EL-817C Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com