Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBA1100LR-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBA1100LR-HF
Description  Low VF Low IR SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBA1100LR-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBA1100LR-HF Datasheet HTML 1Page - Comchip Technology CDBA1100LR-HF Datasheet HTML 2Page - Comchip Technology CDBA1100LR-HF Datasheet HTML 3Page - Comchip Technology CDBA1100LR-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low VF Low IR SMD Schottky Barrier Rectifiers
Dimensions in inches and (millimeter)
DO-214AC (SMA)
Reverse Voltage: 20 to 200 Volts
Forward Current: 1.0 Amp
RoHS Device
Page 1
REV:A
CDBA120LR-HF Thru. CDBA1200LR-HF
QW-JL022
Comchip Technology CO., LTD.
0.067 (1.70)
0.047 (1.20)
0.114 (2.90)
0.083 (2.10)
0.181 (4.60)
0.157 (4.00)
0.008(0.20)
0.004(0.10)
Features
-Ultra high-speed switching.
Mechanical data
-Case: Molded plastic, DO-214AC / SMA
-Terminals: solderable per MIL-STD-750,
method 2026.
-Polarity: Indicated by cathode band.
-Weight: 0.055 grams
-Low Profile surface mount applications
in order to optimize board space.
-Low power loss, high efficiency.
-Hight current capability, low forward voltage drop.
-Hight surge capability.
-Guardring for overvoltage protection.
-Epoxy: UL94-V0 rate flame retardant.
-Silicon epitaxial planar chip,metal silicon junction.
CDBA
120LR-HF
Max. Repetitive peak reverse voltage
Max. DC blocking voltage
Max. RMS voltage
CDBA
140LR-HF
CDBA
160LR-HF
CDBA
1100LR-HF
CDBA
1150LR-HF
Units
Symbol
Parameter
VRRM
VDC
VRMS
20
20
14
40
40
28
60
60
42
100
100
70
150
150
105
V
V
V
CDBA
1200LR-HF
200
200
140
Max. Instantaneous forward voltage
@1.0A, TA=25°C
VF
0.40
0.45
0.55
0.75
0.82
V
0.85
Operating Temperature
TJ
-50 to +150
-50 to +175
°C
Forward surge current
Reverse Current
Storage temperature
A
A
mA
Parameter
Conditions
on rate load (JEDEC method)
8.3ms single half sine-wave superimposed
Forward rectified current
see Fig.1
Thermal Resistance
Diode Junction capacitance
VR =VRRM TA=25°C
VR =VRRM TA=100°C
f=1MHZ and applied 4V DC reverse Voltage
Junction to ambient
Symbol
IO
IFSM
IR
RθJA
CJ
TSTG
IR
MIN.
TYP.
MAX.
mA
°C/W
pF
°C
1.0
50
0.5
20
88
120
-50
+175
Units
0.012 (0.30)
TYP.
0.209 (5.30)
0.185 (4.70)
0.061 (1.55)
0.030 (0.75)
0.098 (2.50)
0.067 (1.70)
Halogen free
Maximum Ratings and Electrical Characteristics
Ratings at Ta=25°C unless otherwise noted.
Single phase, half wave, 60Hz, resistive or inductive loaded.
For capacitive load, derate current by 20% .


Similar Part No. - CDBA1100LR-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBA1100 COMCHIP-CDBA1100 Datasheet
67Kb / 2P
   SMD Schottky Barrier Rectifier
CDBA1100-G COMCHIP-CDBA1100-G Datasheet
145Kb / 2P
   SMD Schottky Barrier rectifiers
CDBA1100-G COMCHIP-CDBA1100-G Datasheet
108Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBA1100-HF COMCHIP-CDBA1100-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBA1100GS COMCHIP-CDBA1100GS Datasheet
78Kb / 2P
   SMD Schottky Barrier Rectifier
More results

Similar Description - CDBA1100LR-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBA220LR-H COMCHIP-CDBA220LR-H_15 Datasheet
95Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
ACDBA1100LR-HF COMCHIP-ACDBA1100LR-HF Datasheet
93Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
CDBA220LR-HF COMCHIP-CDBA220LR-HF Datasheet
95Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
CDBA320LR-HF COMCHIP-CDBA320LR-HF Datasheet
95Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
CDBB120LR-HF COMCHIP-CDBB120LR-HF Datasheet
95Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
CDBB220LR-HF COMCHIP-CDBB220LR-HF Datasheet
95Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
ACDBA260LR-HF COMCHIP-ACDBA260LR-HF Datasheet
93Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
CDBC220LR-HF COMCHIP-CDBC220LR-HF Datasheet
95Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
CDBM140LR-G COMCHIP-CDBM140LR-G Datasheet
94Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
CDBA220LR-H COMCHIP-CDBA220LR-H Datasheet
95Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com