Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE62-G Datasheet(PDF) 1 Page - Comchip Technology

Part # 1.5KE62-G
Description  1500W Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1.5KE62-G Datasheet(HTML) 1 Page - Comchip Technology

  1.5KE62-G Datasheet HTML 1Page - Comchip Technology 1.5KE62-G Datasheet HTML 2Page - Comchip Technology 1.5KE62-G Datasheet HTML 3Page - Comchip Technology 1.5KE62-G Datasheet HTML 4Page - Comchip Technology 1.5KE62-G Datasheet HTML 5Page - Comchip Technology 1.5KE62-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1.5KE-G Series
Stand-off Voltage: 6.8 ~ 600V
Power Dissipation: 1500 Watts
RoHS Device
1500W Transient Voltage Suppressor
QW-BTV07
Page 1
REV:B
Maximum Ratings and Electrical Characteristics (TA=25°C unless otherwise noted)
Features
Mechanical Data
-Case: Molded plastic DO-201
-Terminals: Axial leads, solderable per
MIL-STD-202, Method 208 guranteed
-Polarity: Color band denotes cathode
end except Bipolar
Dimensions in inches and (millimeter)
DO-201
-Glass passivated chip.
-Low leakage.
-1500W peak pulse power capability with a 10/1000μs
waveform, repetitive rate (duty cycle): 0.01%.
-Uni and Bidirectional unit.
-Excellent clamping capability.
-Very fast response time.
-Epoxy: UL 94V-0 rate flame retardant
-Approx. weight: 0.844 grams
-Mounting position: Any
0.375(9.53)
1.000(25.40) Min.
0.209(5.30) DIA.
0.042(1.07)
DIA.
0.038(0.97)
DIA.
0.189(4.79) DIA.
0.285(7.24)
1.000(25.40) Min.
Symbol
Parameter
Value
Unit
Peak power dissipation with a 10/1000 s
μ
(Note 1)
200
Peak forward surge current, 8.3ms single
half sine-wave unidirectional only
(JEDEC method) (Note 2)
Operating junction and storage
temperature range
PPP
6.5
1500
-55 to +150
W
W
A
°C
Power dissipation on infinite heatsink at TL=75°C
NTOES:
(1) Non-repetitive current pulse, per fig.5 and derated above TA=25°C per fig.1
(2) Measured on 8.3ms single half sine-wave or equivalent square wave, equare wave, duty cycle=4 pulses per minute maximum
(3) VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V
PD
IFSM
TJ, TSTG
Peak pulse current with a 10/1000
waveform
μs
(Note 1)
IPP
See Next Table
A
waveform
3.5/5.0
Maximum instantaneous forward voltage at
100 A for unidirectional only(Note 3)
V
VF


Similar Part No. - 1.5KE62-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
1.5KE62-C COMCHIP-1.5KE62-C Datasheet
146Kb / 5P
   1500W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
1.5KE62-LF SIRECT-1.5KE62-LF Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE62-G

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com