Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBB1150LR-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBB1150LR-HF
Description  Low VF Low IR SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBB1150LR-HF Datasheet(HTML) 4 Page - Comchip Technology

  CDBB1150LR-HF Datasheet HTML 1Page - Comchip Technology CDBB1150LR-HF Datasheet HTML 2Page - Comchip Technology CDBB1150LR-HF Datasheet HTML 3Page - Comchip Technology CDBB1150LR-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Part Number
CDBB120LR-HF
Marking Code
Marking Code
CDBB140
-
LR HF
CDBB160
-
LR HF
CDBB1100
-
LR HF
CDBB1150
-
LR HF
CDBB1200
-
LR HF
KL12
KL14
KL16
KL110
KL115
KL120
Low VF Low IR SMD Schottky Barrier Rectifiers
Page 4
REV:A
QW-JL026
Comchip Technology CO., LTD.
XXXXX
Cathod Band
XXXXX = Product type marking code
Suggested PAD Layout
SIZE
(inch)
0.169
(mm)
4.30
2.50
2.30
0.098
0.091
6.80
0.268
E
1.80
0.071
A
B
C
D
DO-214AA (SMB)
A
B
C
E
D
Standard Packaging
Case Type
3,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
DO-214AA
(SMB)


Similar Part No. - CDBB1150LR-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBB1150-HF COMCHIP-CDBB1150-HF Datasheet
96Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBB1150LR-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBA220LR-H COMCHIP-CDBA220LR-H_15 Datasheet
95Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
ACDBA1100LR-HF COMCHIP-ACDBA1100LR-HF Datasheet
93Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
CDBA120LR-HF COMCHIP-CDBA120LR-HF Datasheet
95Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
CDBA220LR-HF COMCHIP-CDBA220LR-HF Datasheet
95Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
CDBA320LR-HF COMCHIP-CDBA320LR-HF Datasheet
95Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
CDBB220LR-HF COMCHIP-CDBB220LR-HF Datasheet
95Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
ACDBA260LR-HF COMCHIP-ACDBA260LR-HF Datasheet
93Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
CDBC220LR-HF COMCHIP-CDBC220LR-HF Datasheet
95Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
CDBM140LR-G COMCHIP-CDBM140LR-G Datasheet
94Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
CDBA220LR-H COMCHIP-CDBA220LR-H Datasheet
95Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com