Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBB580-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBB580-G
Description  SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBB580-G Datasheet(HTML) 2 Page - Comchip Technology

  CDBB580-G Datasheet HTML 1Page - Comchip Technology CDBB580-G Datasheet HTML 2Page - Comchip Technology CDBB580-G Datasheet HTML 3Page - Comchip Technology CDBB580-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (CDBB520-G thru CDBB5100-G)
Comchip Technology CO., LTD.
Page 2
REV:A
SMD Schottky Barrier Rectifiers
QW-BB036
Percent of Rated PEAK Reverse Voltage, (%)
140
100
60
120
0
Fig.5 - Typical Reverse Characteristics
0.001
0.01
0.1
10
100
Instantaneous Forward Voltage, (V)
0
Fig.3 - Typical Instantaneous
0.01
0.1
1.0
10
100
0.4
Reverse Voltage, (V)
Fig.4 - Typical Junction Capacitance
Ambient Temperature, (°C)
Fig.1 - Forward Current Derating Curve
0
3.0
4.0
7.0
1.0
1.4
0
100
175
1.0
6.0
40
0.2
1.2
2.0
O
TJ=25 C
O
TJ=25 C
Pulse width 300μS
1% duty cycle
Number of Cycles at 60Hz
Fig.2 - Maximum Non-Repetitive
0
150
200
300
1
10
100
50
250
100
8.3ms single half sine
wave, JEDEC method
25
50
75
150
125
5.0
5
0.8
0.6
Forward Characteristics
0.1
10
100
1000
1.0
10.0
100
4.0
TJ=25°C , F=1MHZ
20
80
1.0
TJ=125°C
TJ=100°C
Surge Current
Single Phase
Half wave 60Hz
Resistive or
Inductive Load
CD
BB
55
0-
G~
0-
G
CD
BB
51
0
CD
BB
52
0-
G~
0-
G
CD
BB
54


Similar Part No. - CDBB580-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBB580-HF COMCHIP-CDBB580-HF Datasheet
96Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBB580-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBZ320200-HF COMCHIP-CDBZ320200-HF Datasheet
480Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMHS240-HF COMCHIP-CDBMHS240-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
   SMD SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
   SMD Schottky Barrier Rectifiers
CDBA120-HF COMCHIP-CDBA120-HF Datasheet
69Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com