Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62703-Q2378 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62703-Q2378
Description  TOPLED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q2378 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62703-Q2378 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q2378 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q2378 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q2378 Datasheet HTML 4Page - Siemens Semiconductor Group Q62703-Q2378 Datasheet HTML 5Page - Siemens Semiconductor Group Q62703-Q2378 Datasheet HTML 6Page - Siemens Semiconductor Group Q62703-Q2378 Datasheet HTML 7Page - Siemens Semiconductor Group Q62703-Q2378 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Semiconductor Group
2
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissions-
farbe
Color of
Emission
Farbe der
Lichtaustritts-
fläche
Color of the
Light Emitting
Area
Lichtstärke
Luminous
Intensity
I
F = 10 mA
I
V (mcd)
Lichtstrom
Luminous
Flux
I
F = 10 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LS T670-HK
LS T670-J
LS T670-K
LS T670-L
LS T670-JM
super-red
colorless clear
2.5 ... 12.5
4.0 ...
8.0
6.3 ... 12.5
10.0 ... 20.0
4.0 ... 32.0
-
18 (typ.)
30 (typ.)
45 (typ.)
-
Q62703-Q2309
Q62703-Q2357
Q62703-Q2358
Q62703-Q3848
Q62703-Q3849
LO T670-HK
LO T670-J
LO T670-K
LO T670-L
LO T670-JM
orange
colorless clear
2.5 ... 12.5
4.0 ...
8.0
6.3 ... 12.5
10.0 ... 20.0
4.0 ... 32.0
-
18 (typ.)
30 (typ.)
45 (typ.)
-
Q62703-Q2310
Q62703-Q2475
Q62703-Q2476
Q62703-Q3850
Q62703-Q3851
LY T670-HK
LY T670-J
LY T670-K
LY T670-L
LY T670-JM
yellow
colorless clear
2.5 ... 12.5
4.0 ...
8.0
6.3 ... 12.5
10.0 ... 20.0
4.0 ... 32.0
-
18 (typ.)
30 (typ.)
45 (typ.)
-
Q62703-Q2311
Q62703-Q2376
Q62703-Q2375
Q62703-Q3098
Q62703-Q3852
LG T670-HK
LG T670-J
LG T670-K
LG T670-L
LG T670-JM
green
colorless clear
2.5 ... 12.5
4.0 ...
8.0
6.3 ... 12.5
10.0 ... 20.0
4.0 ... 32.0
-
18 (typ.)
30 (typ.)
45 (typ.)
-
Q62703-Q2312
Q62703-Q2377
Q62703-Q2378
Q62703-Q3146
Q62703-Q3853
LP T670-FJ
LP T670-G
LP T670-H
LP T670-J
LP T670-GK
pure green
colorless clear
1.0 ...
2.0
1.6 ...
3.2
2.5 ...
5.0
4.0 ...
8.0
1.6 ... 12.5
-
8 (typ.)
12 (typ.)
18 (typ.)
-
Q62703-Q2619
Q62703-Q3102
Q62703-Q2555
Q62703-Q2553
Q62703-Q2456
LS T670, LO T670, LY T670
LG T670, LP T670


Similar Part No. - Q62703-Q2378

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62703-Q2379 SIEMENS-Q62703-Q2379 Datasheet
552Kb / 8P
   Multi ARGUS LED 3 mm T1 LED, Non Diffused
More results

Similar Description - Q62703-Q2378

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LST67B OSRAM-LST67B Datasheet
438Kb / 19P
   TOPLED
LST67D OSRAM-LST67D Datasheet
756Kb / 20P
   TOPLED
LWTVSG.CB OSRAM-LWTVSG.CB Datasheet
724Kb / 24P
   TOPLED
LST67F OSRAM-LST67F Datasheet
493Kb / 20P
   TOPLED
LW-T67C-S2V1-5K8L OSRAM-LW-T67C-S2V1-5K8L Datasheet
610Kb / 23P
   TOPLED
LTT673 OSRAM-LTT673 Datasheet
479Kb / 22P
   TOPLED
LR-T68F-U1AA-1-1-Z OSRAM-LR-T68F-U1AA-1-1-Z Datasheet
480Kb / 21P
   TOPLED
LG-T676-P1Q2-24-Z OSRAM-LG-T676-P1Q2-24-Z Datasheet
536Kb / 21P
   TOPLED
LS-T676-R1S1-1-Z OSRAM-LS-T676-R1S1-1-Z Datasheet
476Kb / 19P
   TOPLED
LY-T68F-T2V2-35-1-Z OSRAM-LY-T68F-T2V2-35-1-Z Datasheet
482Kb / 22P
   TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com