Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62703-Q2741 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # Q62703-Q2741
Description  TOPLED RG
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q2741 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  Q62703-Q2741 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q2741 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q2741 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q2741 Datasheet HTML 4Page - Siemens Semiconductor Group Q62703-Q2741 Datasheet HTML 5Page - Siemens Semiconductor Group Q62703-Q2741 Datasheet HTML 6Page - Siemens Semiconductor Group Q62703-Q2741 Datasheet HTML 7Page - Siemens Semiconductor Group Q62703-Q2741 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Semiconductor Group
4
Kennwerte (
T
A = 25 ˚C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LS
LO
LY
LG
LP
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
(typ.)
I
F = 10 mA
λ
peak
635
610
586
565
557
nm
Dominantwellenlänge
(typ.)
Dominant wavelength
(typ.)
I
F = 10 mA
λ
dom
628
605
590
570
560
nm
Spektrale Bandbreite bei 50 %
I
rel max
(typ.)
Spectral bandwidth at 50 %
I
rel max
(typ.)
I
F = 10 mA
λ
45
40
45
25
22
nm
Abstrahlwinkel bei 50 %
I
v (Vollwinkel)
Viewing angle at 50 %
I
v
2
ϕ
120
120
120
120
120
Grad
deg.
Durchlaßspannung
(typ.)
Forward voltage
(max.)
I
F = 10 mA
V
F
V
F
2.0
2.6
2.0
2.6
2.0
2.6
2.0
2.6
2.0
2.6
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 5 V
I
R
I
R
0.01
10
0.01
10
0.01
10
0.01
10
0.01
10
µA
µA
Kapazität
(typ.)
Capacitance
V
R = 0 V, f = 1 MHz
C
0
12
8
101515pF
Schaltzeiten:
Switching times:
I
V from 10 % to 90 %
(typ.)
I
V from 90 % to 10 %
(typ.)
I
F = 100 mA, tp = 10 µs, RL = 50 Ω
t
r
t
f
300
150
300
150
300
150
450
200
450
200
ns
ns
LS T770, LO T770, LY T770
LG T770, LP T770


Similar Part No. - Q62703-Q2741

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62703-Q2749 SIEMENS-Q62703-Q2749 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
More results

Similar Description - Q62703-Q2741

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LST776 OSRAM-LST776 Datasheet
434Kb / 19P
   TOPLED RG
LP-T776-L1M2-25-Z OSRAM-LP-T776-L1M2-25-Z Datasheet
429Kb / 19P
   TOPLED RG
LW-T773-P1S1-5K8L OSRAM-LW-T773-P1S1-5K8L Datasheet
453Kb / 21P
   TOPLED RG
LS-T776-Q1R2-1-Z OSRAM-LS-T776-Q1R2-1-Z Datasheet
434Kb / 19P
   TOPLED RG
LAT776 OSRAM-LAT776 Datasheet
434Kb / 19P
   TOPLED RG
LST77K OSRAM-LST77K Datasheet
457Kb / 19P
   TOPLED RG
LYT776 OSRAM-LYT776 Datasheet
435Kb / 19P
   TOPLED RG
logo
Siemens Semiconductor G...
LSM770 SIEMENS-LSM770 Datasheet
488Kb / 8P
   Mini TOPLED RG
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
   Hyper TOPLED RG Hyper-Bright LED
LSM776 SIEMENS-LSM776 Datasheet
340Kb / 7P
   Hyper Mini TOPLED RG Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com