Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5KP64A-G Datasheet(PDF) 1 Page - Comchip Technology

Part # 5KP64A-G
Description  5000W Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

5KP64A-G Datasheet(HTML) 1 Page - Comchip Technology

  5KP64A-G Datasheet HTML 1Page - Comchip Technology 5KP64A-G Datasheet HTML 2Page - Comchip Technology 5KP64A-G Datasheet HTML 3Page - Comchip Technology 5KP64A-G Datasheet HTML 4Page - Comchip Technology 5KP64A-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5KP-G Series
Stand-off Voltage: 6.8V ~ 220V
Power Dissipation: 5000 Watts
RoHS Device
5000W Transient Voltage Suppressor
QW-BTV08
Page 1
REV:B
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive loaded.
For capacitive load, derated current by 20%.
Features
-Glass passivated chip.
-Low leakage.
-Uni and Bidirection unit.
-Excellent clamping capability.
-The plastic material has UL recognition 94V-0.
-Fast response time.
Mechanical Data
-Case: Molded plastic R-6
-Polarity: By cathode band denotes uni-directional
device, none cathode band denotes bi-directional
device
-Weight: 2.1 grams
Dimensions in inches and (millimeter)
R-6
1.0(25.4)
MIN.
0.360(9.14)
0.340(8.64)
0.360(9.14)
0.340(8.64)
0.052(1.32)
0.048(1.22)
1.0(25.4)
MIN.
DIA.
DIA.
Symbol
Parameter
Value
Unit
Peak power dissipation with a 10/1000μs
waveform (Note 1)
500
Peak forward surge current, 8.3ms single
half sine-wave unidirectional only (Note 2)
Operating junction and storage temperature
range
PPP
8.0
5000
-55 to +150
W
W
A
OC
Power dissipation on infinite heatsink at TL=75°C
PD
IFSM
TJ, TSTG
Maximum instantaneous forward voltage at
100A for uni-directional devices only (Note 3)
3.5 / 5.0
V
VF
Peak pulse current with a 10/1000μs waveform
(Note 1)
IPP
See Next Table
W
NTOES:
O
(1) Non-repetitive current pulse, per fig.5 and derated above TA=25 C per fig. 1.
(2) Measured on 8.3 ms single half sine wave of equivalent square wave,duty cycle=4 pulses per minute maximum.
(3) VF<3.5V for devices of VBR<200V and VF
<5.0V for devices of VBR>201V


Similar Part No. - 5KP64A-G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
5KP64A-B LITTELFUSE-5KP64A-B Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
logo
SeCoS Halbleitertechnol...
5KP64A-C SECOS-5KP64A-C Datasheet
357Kb / 4P
   5000W Peak Power TVS
logo
Comchip Technology
5KP64A-HF COMCHIP-5KP64A-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
logo
Littelfuse
5KP64A-HR LITTELFUSE-5KP64A-HR Datasheet
1Mb / 7P
   The 5KP-HR High Reliability Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
5KP64A-HRA LITTELFUSE-5KP64A-HRA Datasheet
1Mb / 7P
   The 5KP-HRA High Reliability Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
More results

Similar Description - 5KP64A-G

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
5KP5.0 DIGITRON-5KP5.0 Datasheet
291Kb / 4P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
logo
Won-Top Electronics
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
5KP LEIDITECH-5KP Datasheet
629Kb / 5P
   5000W Transient Voltage Suppressor
logo
Diodes Incorporated
5KP50CAS DIODES-5KP50CAS Datasheet
67Kb / 3P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
DS21504 Rev. H-2
logo
Won-Top Electronics
5KP WTE-5KP_06 Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
5KP5 TAITRON-5KP5 Datasheet
202Kb / 6P
   5000W Transient Voltage Suppressor
logo
Comchip Technology
A5KP-G COMCHIP-A5KP-G Datasheet
105Kb / 5P
   5000W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
5KSMC10AH TSC-5KSMC10AH Datasheet
451Kb / 5P
   5000W, 10V- 40V Surface Mount Transient Voltage Suppressor
5.0SMDJ TSC-5.0SMDJ Datasheet
406Kb / 6P
   5000W, 16V - 100V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com