Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5KP70-G Datasheet(PDF) 3 Page - Comchip Technology

Part # 5KP70-G
Description  5000W Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

5KP70-G Datasheet(HTML) 3 Page - Comchip Technology

  5KP70-G Datasheet HTML 1Page - Comchip Technology 5KP70-G Datasheet HTML 2Page - Comchip Technology 5KP70-G Datasheet HTML 3Page - Comchip Technology 5KP70-G Datasheet HTML 4Page - Comchip Technology 5KP70-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3
QW-BTV08
REV:B
RATING AND CHARACTERISTIC (5KP-G Series)
VRWM
VBR Max.
IT
IFSM
( V )
( V )
( mA )
(A)@8.3mS
( V )
IPPM (A)
Part No.
Absolute Maximum Rating (Ta=25
O C)
Electrical Characteristics (Ta=25
O
C)
Max. Vc @IPPM
Max. IR @VWM
uA
Uni
Bi
VBR Min.
Marking Code.
Uni
Bi
( V )
5KP30-G
5KP30A-G
5KP33-G
5KP33A-G
5KP36-G
5KP36A-G
5KP40-G
5KP40A-G
5KP43-G
5KP43A-G
5KP45-G
5KP45A-G
5KP48-G
5KP48A-G
5KP51-G
5KP51A-G
5KP54-G
5KP54A-G
5KP58-G
5KP58A-G
5KP60-G
5KP60A-G
5KP64-G
5KP64A-G
5KP70-G
5KP70A-G
5KP75-G
5KP75A-G
5KP78-G
5KP78A-G
5KP85-G
5KP85A-G
5KP90-G
5KP90A-G
5KP100-G
5KP100A-G
5KP110-G
5KP110A-G
5KP120-G
5KP120A-G
5KP130-G
5KP130A-G
5KP150-G
5KP150A-G
5KP30C-G
5KP30CA-G
5KP33C-G
5KP33CA-G
5KP36C-G
5KP36CA-G
5KP40C-G
5KP40CA-G
5KP43C-G
5KP43CA-G
5KP45C-G
5KP45CA-G
5KP48C-G
5KP48CA-G
5KP51C-G
5KP51CA-G
5KP54C-G
5KP54CA-G
5KP58C-G
5KP58CA-G
5KP60C-G
5KP60CA-G
5KP64C-G
5KP64CA-G
5KP70C-G
5KP70CA-G
5KP75C-G
5KP75CA-G
5KP78C-G
5KP78CA-G
5KP85C-G
5KP85CA-G
5KP90C-G
5KP90CA-G
5KP100C-G
5KP100CA-G
5KP110C-G
5KP110CA-G
5KP120C-G
5KP120CA-G
5KP130C-G
5KP130CA-G
5KP150C-G
5KP150CA-G
5KP30
5KP30A
5KP33
5KP33A
5KP36
5KP36A
5KP40
5KP40A
5KP43
5KP43A
5KP45
5KP45A
5KP48
5KP48A
5KP51
5KP51A
5KP54
5KP54A
5KP58
5KP58A
5KP30C
5KP30CA
5KP33C
5KP33CA
5KP36C
5KP36CA
5KP40C
5KP40CA
5KP43C
5KP43CA
5KP45C
5KP45CA
5KP48C
5KP48CA
5KP51C
5KP51CA
5KP54C
5KP54CA
5KP58C
5KP58CA
5KP60C
5KP60CA
5KP64C
5KP64CA
5KP70C
5KP70CA
5KP75C
5KP75CA
5KP78C
5KP78CA
5KP85C
5KP85CA
5KP90C
5KP90CA
5KP100C
5KP100CA
5KP110C
5KP110CA
5KP120C
5KP120CA
5KP130C
5KP130CA
5KP150C
5KP150CA
30.0
33.30
40.70
1.0
30.0
33.30
36.80
1.0
33.0
36.70
44.90
1.0
33.0
36.70
40.60
1.0
36.0
40.00
48.90
1.0
36.0
40.00
44.20
1.0
40.0
44.40
54.30
1.0
40.0
44.40
49.10
1.0
43.0
47.80
58.40
1.0
43.0
47.80
52.80
1.0
45.0
50.00
61.10
1.0
45.0
50.00
55.30
1.0
48.0
53.30
65.10
1.0
48.0
53.30
58.90
1.0
51.0
56.70
69.30
1.0
51.0
56.70
62.70
1.0
54.0
60.00
73.30
1.0
54.0
60.00
66.30
1.0
58.0
64.40
78.70
1.0
58.0
64.40
71.20
1.0
60.0
66.70
81.50
1.0
60.0
66.70
73.70
1.0
64.0
71.10
86.90
1.0
64.0
71.10
78.60
1.0
70.0
77.80
95.10
1.0
70.0
77.80
86.00
1.0
75.0
83.30
102.00
1.0
75.0
83.30
92.10
1.0
78.0
86.70
106.00
1.0
78.0
86.70
95.80
1.0
85.0
94.40
115.00
1.0
85.0
94.40
104.00
1.0
90.0
100.00
122.00
1.0
90.0
100.00
111.00
1.0
100.0
111.00
136.00
1.0
100.0
111.00
123.00
1.0
110.0
122.00
149.00
1.0
110.0
122.00
135.00
1.0
120.0
133.00
163.00
1.0
120.0
133.00
147.00
1.0
130.0
144.00
176.00
1.0
130.0
144.00
159.00
1.0
150.0
167.00
204.00
1.0
150.0
167.00
185.00
1.0
500
53.5
93.46
5
500
48.4
103.31
5
500
59.0
84.75
5
500
53.3
93.81
5
500
64.3
77.76
5
500
58.1
86.06
5
500
71.4
70.03
5
500
64.5
77.52
5
500
76.7
65.19
5
500
69.4
72.05
5
500
80.3
62.27
5
500
72.7
68.78
5
500
85.5
58.48
5
500
77.4
64.60
5
500
91.1
54.88
5
500
82.4
60.68
5
500
96.3
51.92
5
500
87.1
57.41
5
500
103.0
48.54
5
500
93.6
53.42
5
500
107.0
46.73
5
500
96.8
51.65
5
500
114.0
43.86
5
500
103.0
48.54
5
500
125.0
40.00
5
500
113.0
44.25
5
500
134.0
37.31
5
500
121.0
41.32
5
500
139.0
35.97
5
500
126.0
39.68
5
500
151.0
33.11
5
500
137.0
36.50
5
500
160.0
31.25
5
500
146.0
34.25
5
500
179.0
27.93
5
500
162.0
30.86
5
500
196.0
25.51
5
500
177.0
28.25
5
500
214.0
23.36
5
500
193.0
25.91
5
500
230.0
21.65
5
500
209.0
23.92
5
500
268.0
18.66
5
500
243.0
20.58
5
5KP60
5KP60A
5KP64
5KP64A
5KP70
5KP70A
5KP75
5KP75A
5KP78
5KP78A
5KP85
5KP85A
5KP90
5KP90A
5KP100
5KP100A
5KP110
5KP110A
5KP120
5KP120A
5KP130
5KP130A
5KP150
5KP150A
5000W Transient Voltage Suppressor


Similar Part No. - 5KP70-G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP70 LUGUANG-5KP70 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Surge Components
5KP70 SURGE-5KP70 Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP70 LUGUANG-5KP70 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Galaxy Semi-Conductor H...
5KP70 BILIN-5KP70 Datasheet
131Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
5KP70 CHENDA-5KP70 Datasheet
685Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP70-G

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
5KP5.0 DIGITRON-5KP5.0 Datasheet
291Kb / 4P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
logo
Won-Top Electronics
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
5KP LEIDITECH-5KP Datasheet
629Kb / 5P
   5000W Transient Voltage Suppressor
logo
Diodes Incorporated
5KP50CAS DIODES-5KP50CAS Datasheet
67Kb / 3P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
DS21504 Rev. H-2
logo
Won-Top Electronics
5KP WTE-5KP_06 Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
5KP5 TAITRON-5KP5 Datasheet
202Kb / 6P
   5000W Transient Voltage Suppressor
logo
Comchip Technology
A5KP-G COMCHIP-A5KP-G Datasheet
105Kb / 5P
   5000W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
5KSMC10AH TSC-5KSMC10AH Datasheet
451Kb / 5P
   5000W, 10V- 40V Surface Mount Transient Voltage Suppressor
5.0SMDJ TSC-5.0SMDJ Datasheet
406Kb / 6P
   5000W, 16V - 100V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com