Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBFN130-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CDBFN130-HF
Description  SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBFN130-HF Datasheet(HTML) 3 Page - Comchip Technology

  CDBFN130-HF Datasheet HTML 1Page - Comchip Technology CDBFN130-HF Datasheet HTML 2Page - Comchip Technology CDBFN130-HF Datasheet HTML 3Page - Comchip Technology CDBFN130-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
QW-JB001
Polarity
SMD Schottky Barrier Diode
REV:B
B
C
d
D
D2
D1
SOD-323
SYMBOL
A
(mm)
(inch)
2.44 MIN.
1.47 ± 0.10
2.95± 0.10
4.00 ± 0.10
1.50 ± 0.10
3.50 ± 0.10
1.75 ± 0.10
62.0 MIN.
13.0 ± 0.50
1.15 ± 0.10
4.00 ± 0.10
2.00 ± 0.10
8.00 ± 0.30
11.4 ± 0.04
178 ± 1
0.116 ± 0.004
0.057 ± 0.004
0.045 ± 0.004
0.059 ± 0.004
7.008 ± 0.040
0.512 ± 0.0197
SOD-323
SYMBOL
(mm)
(inch)
0.315 0.012
±
0.138 ± 0.004
0.069 ± 0.004
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.004
0.449± 0.0016
E
F
P
P0
P1
W
W1
Reel Taping Specification
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
T
C
Direction of Feed
Index hole
d
E
F
B
W
P
P0
P1
A
D1
D2
D
W1


Similar Part No. - CDBFN130-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBFN130-HF COMCHIP-CDBFN130-HF Datasheet
166Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBFN130-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBZ320200-HF COMCHIP-CDBZ320200-HF Datasheet
480Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMHS240-HF COMCHIP-CDBMHS240-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
   SMD SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
   SMD Schottky Barrier Rectifiers
CDBA120-HF COMCHIP-CDBA120-HF Datasheet
69Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com