Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELT3044(S)(TB)-V Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # ELT3044(S)(TB)-V
Description  4 PIN DIP ZERO CROSS TRIAC DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELT3044(S)(TB)-V Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  ELT3044(S)(TB)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELT3044(S)(TB)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELT3044(S)(TB)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELT3044(S)(TB)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELT3044(S)(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELT3044(S)(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELT3044(S)(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELT3044(S)(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELT3044(S)(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
4 PIN DIP ZERO CROSS TRIAC DRIVER
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
1
http://www.everlight.com
Document No
:DPC-0000134
Rev. 1
March 2,2012
ELT304X Series
ELT306X Series
ELT308X Series
Features:
• Peak breakdown voltage
- 400V: ELT304X
- 600V: ELT306X
- 800V: ELT308X
• High isolation voltage between input
and output
(Viso=5000 V rms )
• Zero voltage crossing
• Pb free and RoHS compliant.
• UL approved (No.E214129)
• VDE approved (No.132249)
• SEMKO approved
• NEMKO approved
• DEMKO approved
• FIMKO approved
• CSA approved
Description
The ELT304X, ELT306X and ELT308X series of devices each
consist of a GaAs infrared emitting diode optically coupled to a
monolithic silicon zero voltage crossing photo triac.
They are designed for use with a discrete power triac in the interface of
logic systems to equipment powered from 110 to 380 VAC lines,
such as solid-state relays, industrial controls, motors, solenoids and
consumer appliances.
Applications
Solenoid/valve controls
Light controls
Static power switch
AC motor drivers
E.M. contactors
Temperature controls
AC Motor starters
Schematic
Pin Configuration
1. Anode
2. Cathode
3. Terminal
4. Terminal


Similar Part No. - ELT3044(S)(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELT3041 EVERLIGHT-ELT3041 Datasheet
863Kb / 14P
   4 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
ELT3042 EVERLIGHT-ELT3042 Datasheet
863Kb / 14P
   4 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
ELT3043 EVERLIGHT-ELT3043 Datasheet
863Kb / 14P
   4 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
ELT304X EVERLIGHT-ELT304X Datasheet
863Kb / 14P
   4 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
ELT304X EVERLIGHT-ELT304X_14 Datasheet
863Kb / 14P
   4 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results

Similar Description - ELT3044(S)(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELT304X EVERLIGHT-ELT304X_14 Datasheet
863Kb / 14P
   4 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X Datasheet
1Mb / 13P
   5 PIN DIP ZERO CROSS TRIAC DRIVER
EL303X EVERLIGHT-EL303X_17 Datasheet
945Kb / 14P
   5 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
   6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
logo
Motorola, Inc
MOC3081 MOTOROLA-MOC3081 Datasheet
291Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3061 MOTOROLA-MOC3061 Datasheet
290Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3041 MOTOROLA-MOC3041 Datasheet
292Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
Fairchild Semiconductor
FOD410 FAIRCHILD-FOD410 Datasheet
292Kb / 12P
   6-Pin DIP Zero-Cross Triac Drivers
logo
Everlight Electronics C...
ELM304X EVERLIGHT-ELM304X Datasheet
430Kb / 12P
   4 PIN SOP ZERO CROSS TRIAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com