Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EZHV-K51C4 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # EZHV-K51C4
Description  Small package with high efficiency
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EZHV-K51C4 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  EZHV-K51C4 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EZHV-K51C4 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EZHV-K51C4 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EZHV-K51C4 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EZHV-K51C4 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EZHV-K51C4 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EZHV-K51C4 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EZHV-K51C4 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EZHV-K51C4 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
DATASHEET
SMD HP  EZHV
4W LED Series
5
Copyright © 2011, Everlight All Rights Reserved. Release Date: 10.27.2011. Issue No: DHE-0001541
www.everlight.com
Luminous Flux Characteristics for the EZHV 4W series
Color
Part Number
4W
Minimum Luminous Flux(lm)
Drive Current
(mA)
View Angle
Type
(°)
EZHV
– K21M4
250
40
105
EZHV
– K51C4
325
EZHV
– K51C4
325
Notes:
1.
Luminous flux measurement tolerance: ±10%.
2.
The data of luminous flux measured at thermal pad=25℃
3.
Typical luminous flux or light output performance is operated within the condition guided by this datasheet
Warm
White
3000
Cool
White
5700
Cool
White
5700


Similar Part No. - EZHV-K51C4

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
EZHV-F61M1-1LPHS-F3000 EVERLIGHT-EZHV-F61M1-1LPHS-F3000 Datasheet
993Kb / 27P
   Small package with high efficiency
EZHV-F81C1 EVERLIGHT-EZHV-F81C1 Datasheet
993Kb / 27P
   Small package with high efficiency
EZHV-F81C1-1LPGS-F5700 EVERLIGHT-EZHV-F81C1-1LPGS-F5700 Datasheet
993Kb / 27P
   Small package with high efficiency
EZHV-F81C1-1LPGS-F6500 EVERLIGHT-EZHV-F81C1-1LPGS-F6500 Datasheet
993Kb / 27P
   Small package with high efficiency
More results

Similar Description - EZHV-K51C4

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F81CX EVERLIGHT-ELSH-F81CX Datasheet
1Mb / 40P
   Small package with high efficiency
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
ELSH-J51CX EVERLIGHT-ELSH-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
ELSWD-J21CX EVERLIGHT-ELSWD-J21CX Datasheet
883Kb / 26P
   Small package with high efficiency
ELSW-F81CX EVERLIGHT-ELSW-F81CX Datasheet
1Mb / 39P
   Small package with high efficiency
ELSW-J51CX EVERLIGHT-ELSW-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
EAIST3045A0 EVERLIGHT-EAIST3045A0 Datasheet
399Kb / 9P
   Small package with high efficiency
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com