Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELW2601S(TA).(TB)-V Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # ELW2601S(TA).(TB)-V
Description  8 PIN DIP WIDE BODY HIGH SPEED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELW2601S(TA).(TB)-V Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button ELW2601S(TA).(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELW2601S(TA).(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELW2601S(TA).(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELW2601S(TA).(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELW2601S(TA).(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELW2601S(TA).(TB)-V Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELW2601S(TA).(TB)-V Datasheet HTML 11Page - Everlight Electronics Co., Ltd ELW2601S(TA).(TB)-V Datasheet HTML 12Page - Everlight Electronics Co., Ltd ELW2601S(TA).(TB)-V Datasheet HTML 13Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
8 PIN DIP WIDE BODY HIGH SPEED
10MBit/s LOGIC GATE PHOTOCOUPLER
Everlight Electronics Co., Ltd.
9
http://www.everlight.com
Document No
:DPC-0000115
Rev. 1
June 23, 2011
ELW137
ELW26XX series
Notes:
*3 The VCC supply must be bypassed by a 0.1µF capacitor or larger. This can be either a ceramic or solid
tantalum capacitor with good high frequency characteristic and should be connected as close as possible to
the package VCC and GND pins
*4. Enable Input – No pull up resistor required as the device has an internal pull up resistor.
*5. tPLH
– Propagation delay is measured from the 3.75mA level on the HIGH to LOW transition of the input
current pulse to the 1.5 V level on the LOW to HIGH transition of the output voltage pulse.
*6. tPHL
– Propagation delay is measured from the 3.75mA level on the LOW to HIGH transition of the input
current pulse to the 1.5 V level on the HIGH to LOW transition of the output voltage pulse.
*7. tr
– Rise time is measured from the 90% to the 10% levels on the LOW to HIGH transition of the output
pulse.
*8. tf
– Fall time is measured from the 10% to the 90% levels on the HIGH to LOW transition of the output
pulse.
*9. tELH
– Enable input propagation delay is measured from the 1.5V level on the HIGH to LOW transition of
the input voltage pulse to the 1.5V level on the LOW to HIGH transition of the output voltage pulse.
*10. tEHL
– Enable input propagation delay is measured from the 1.5V level on the LOW to HIGH transition of
the input voltage pulse to the 1.5V level on the HIGH to LOW transition of the output voltage pulse.
*11 CMH– The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in
the HIGH state (i.e., VOUT > 2.0V).
*12 CML– The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in
the LOW output state (i.e., VOUT < 0.8V).
Order Information
Part Number
ELW137Y(Z)-V
Or
ELW26XXY(Z)-V
Note
XX
= 01 or 11 for ELW26 part no.
Y
= Lead form option (S or none)
Z
= Tape and reel option (TA, TB or none).
V
= VDE (optional)
Option
Description
Packing quantity
None
Standard DIP-8
45 units per tube
S (TA)
Surface mount lead form + TA tape & reel option
1000 units per reel
S (TB)
Surface mount lead form + TB tape & reel option
1000 units per reel


Similar Part No. - ELW2601S(TA).(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELW2601 EVERLIGHT-ELW2601 Datasheet
715Kb / 14P
   8 PIN DIP WIDE BODY HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
More results

Similar Description - ELW2601S(TA).(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELW135 EVERLIGHT-ELW135 Datasheet
608Kb / 13P
   8 PIN DIP WIDE BODY HIGH SPEED
ELW135 EVERLIGHT-ELW135_13 Datasheet
703Kb / 13P
   8 PIN DIP WIDE BODY HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELW137 EVERLIGHT-ELW137_13 Datasheet
715Kb / 14P
   8 PIN DIP WIDE BODY HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
logo
Fairchild Semiconductor
CNW138 FAIRCHILD-CNW138 Datasheet
126Kb / 8P
   8-PIN WIDE BODY, HIGH-GAIN OPTOCOUPLERS
logo
ON Semiconductor
6N135M ONSEMI-6N135M Datasheet
522Kb / 16P
   8-Pin DIP High Speed Transistor Optocouplers
September, 2021 - Rev. 2
logo
Everlight Electronics C...
EL450X EVERLIGHT-EL450X Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
6N135 EVERLIGHT-6N135 Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
6N136M-V EVERLIGHT-6N136M-V Datasheet
1Mb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
ISOCOM COMPONENTS
ICPL4502 ISOCOM-ICPL4502_09 Datasheet
441Kb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
Sharp Corporation
PC923L SHARP-PC923L Datasheet
322Kb / 18P
   High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com