Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11L1S(TA).(TB)-V Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # H11L1S(TA).(TB)-V
Description  6 PIN DIP PHOTO COUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

H11L1S(TA).(TB)-V Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  H11L1S(TA).(TB)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd H11L1S(TA).(TB)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd H11L1S(TA).(TB)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd H11L1S(TA).(TB)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd H11L1S(TA).(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd H11L1S(TA).(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd H11L1S(TA).(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd H11L1S(TA).(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd H11L1S(TA).(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
6 PIN DIP PHOTO COUPLER
Schmitt Trigger
Everlight Electronics Co., Ltd.
3
http://www.everlight.com
Document No:DPC-0000022
Rev. 1
January 7, 2009
H11Lx Series
Electrical Characteristics (Ta=25°C unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Forward voltage
VF
-
1.15
1.5
V
IF = 10mA
Reverse Leakage current
IR
-
-
10
µA
VR = 5V
Capacitance
CJ
-
-
100
pF
V=0, f=1MHz
Output
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Operation Voltage Range
VCC
3
-
15
V
Supply Current
ICC(off)
-
1.6
5
mA
IF=0mA, Vcc=5V
Output Current, High
IOH
-
-
100
µA
IF=0mA, Vcc=Vo=15V
Isolation Resistance
RISO
10
11
-
-
Ω
VI-O=500VDC
Transfer Characteristics
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Supply Current
ICC(on)
-
1.6
5
mA
IF=10mA, Vcc=5V
Output Voltage .low
VOL
-
-
0.4
V
Vcc=5V, IF=IFon(max.),
RL=270Ω
H11L1
-
-
1.6
H11L2
-
-
10
Turn on Threshold
Current
1
H11L3
IFon
-
-
5
mA
Vcc=5V, RL=270Ω
Turn off Threshold Current
IFoff
-
1
-
mA
Vcc=5V, RL=270Ω
Hysteresis Ratio
IFon/IFoff
0.5
-
0.9
Vcc=5V, RL=270Ω
Turn on Time
ton
-
-
4
μS
Fall Time
tr
-
0.1
-
μS
Turn off Time
toff
-
-
4
μS
Rise Time
tr
-
0.1
-
μS
Vcc=5V, IF=IFon, RL=270Ω
Data Rate
-
1
-
MHz
* Typical values at Ta = 25°C
1. Max. I
F(ON) is the maximum current required to trigger the output. For examples, a 1.6mA maximum trigger
current would require the LED to be driven at a current greater than 1.6mA to guarantee the device will turn on.
A 10% guard band is recommended to account for degradation of the LED over its lifetime. The maximum
allowable LED drive current is 60mA.


Similar Part No. - H11L1S(TA).(TB)-V

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
H11L1S CTMICRO-H11L1S Datasheet
685Kb / 11P
   Schmitt Trigger Output 6-Pin Optocoupler
H11L1SG CTMICRO-H11L1SG Datasheet
685Kb / 11P
   Schmitt Trigger Output 6-Pin Optocoupler
H11L1SL CTMICRO-H11L1SL Datasheet
685Kb / 11P
   Schmitt Trigger Output 6-Pin Optocoupler
H11L1SLG CTMICRO-H11L1SLG Datasheet
685Kb / 11P
   Schmitt Trigger Output 6-Pin Optocoupler
H11L1SLT1 CTMICRO-H11L1SLT1 Datasheet
685Kb / 11P
   Schmitt Trigger Output 6-Pin Optocoupler
More results

Similar Description - H11L1S(TA).(TB)-V

ManufacturerPart #DatasheetDescription
logo
AUK corp
SPC815 AUK-SPC815 Datasheet
67Kb / 3P
   DIP Photo Coupler
SPC817 AUK-SPC817 Datasheet
65Kb / 3P
   DIP Photo Coupler
SPC717 AUK-SPC717 Datasheet
65Kb / 3P
   DIP Photo Coupler
SPC715 AUK-SPC715 Datasheet
66Kb / 3P
   DIP Photo Coupler
SPC714 AUK-SPC714 Datasheet
64Kb / 3P
   DIP Photo Coupler
SPC814 AUK-SPC814 Datasheet
64Kb / 3P
   DIP Photo Coupler
logo
NEC
PS2041 NEC-PS2041 Datasheet
107Kb / 4P
   HIGH SPEED 6 PIN PHOTO COUPLER
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA Datasheet
66Kb / 4P
   6 pin DIP (DIP6)
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M_06 Datasheet
669Kb / 9P
   6-Pin DIP Optocoupler
logo
Everlight Electronics C...
TIL11X EVERLIGHT-TIL11X_10 Datasheet
901Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com