Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIR83-01B-TR8 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # HIR83-01B-TR8
Description  1.6횞0.8mm Package Infrared LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HIR83-01B-TR8 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  HIR83-01B-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd HIR83-01B-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd HIR83-01B-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd HIR83-01B-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd HIR83-01B-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd HIR83-01B-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd HIR83-01B-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd HIR83-01B-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd HIR83-01B-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2010-07-06 20:13:37.0
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 1 of 9
Device No:DIR-0000353
Prepared date:0629-2010
Prepared by:JAINE TSAI
Technical Data Sheet
1.6×0.8mm Package Infrared LED
HIR83-01B/TR8
Features
․Peak wavelength λp=850nm
․Low forward voltage
․Pb free
․The product itself will remain within RoHS compliant version.
Descriptions
․HIR83-01B/TR8 is an infrared emitting diode in
miniature SMD package which is molded in a
black plastic with semicircle and top view lens.
The device is spectrally
matched with silicon
photodiode and phototransistor.
Applications
․Infrared applied system
Device Selection Guide
Chip
LED Part No.
Material
Lens Color
HIR83-01B/TR8
GaAlAs
Black


Similar Part No. - HIR83-01B-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR83-01B-TR8 EVERLIGHT-HIR83-01B-TR8_15 Datasheet
1Mb / 9P
   1.6횞0.8mm Package Infrared LED
More results

Similar Description - HIR83-01B-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR83-01B-TR8 EVERLIGHT-HIR83-01B-TR8_15 Datasheet
1Mb / 9P
   1.6횞0.8mm Package Infrared LED
IR25-21C-TR8 EVERLIGHT-IR25-21C-TR8_15 Datasheet
209Kb / 10P
   Reverse Package Infrared LED
EAIST3216A4 EVERLIGHT-EAIST3216A4 Datasheet
392Kb / 9P
   Reverse Package Infrared LED
IR19-315C-TR8 EVERLIGHT-IR19-315C-TR8_15 Datasheet
320Kb / 9P
   0603 Package Infrared LED
IR25-21C-TR8 EVERLIGHT-IR25-21C-TR8 Datasheet
204Kb / 10P
   Reverse Package Infrared LED
IR19-315C-TR8 EVERLIGHT-IR19-315C-TR8 Datasheet
184Kb / 9P
   0603 Package Infrared LED
EAIST1708A1 EVERLIGHT-EAIST1708A1 Datasheet
590Kb / 9P
   0603 Package Infrared LED
EAIST2012A1 EVERLIGHT-EAIST2012A1 Datasheet
434Kb / 9P
   0805 Package Infrared LED
IR17-21C-TR8 EVERLIGHT-IR17-21C-TR8_15 Datasheet
308Kb / 9P
   0805 Package Infrared Chip LED
IR15-21C-TR8 EVERLIGHT-IR15-21C-TR8_15 Datasheet
236Kb / 9P
   1206 Package Chip Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com